Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBI3PTR Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32L412RBI3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBI3PTR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32L412RBI3PTR Datasheet HTML 82Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 83Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 84Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 85Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 86Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 87Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 88Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 89Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
Table 27. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART disable
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.40
2.45
2.50
2.55
2.75
2.60
2.65
2.70
2.80
3.00
mA
16 MHz
1.70
1.75
1.80
1.85
2.05
1.85
1.90
1.95
2.05
2.30
8 MHz
0.970 0.985
1.05
1.10
1.25
1.05
1.10
1.15
1.25
1.50
4 MHz
0.570 0.585 0.630
0.710
0.865
0.61
0.63
0.70
0.80
1.10
2 MHz
0.340 0.355 0.400
0.475
0.635
0.40
0.40
0.50
0.60
0.80
1 MHz
0.230 0.240 0.285
0.365
0.52
0.25
0.30
0.34
0.50
0.70
100 kHz 0.125 0.140 0.185
0.260
0.415
0.14
0.20
0.25
0.40
0.60
Range 1
80 MHz
7.65
7.70
7.85
8.00
8.20
8.20
8.30
8.40
8.50
8.80
72 MHz
6.95
6.95
7.05
7.15
7.35
7.40
7.45
7.50
7.60
7.80
64 MHz
6.90
6.95
7.05
7.20
7.40
7.40
7.45
7.50
7.60
7.80
48 MHz
5.85
5.90
6.00
6.15
6.35
6.30
6.35
6.50
6.65
6.90
32 MHz
4.20
4.20
4.30
4.45
4.65
4.50
4.55
4.70
4.80
5.10
24 MHz
3.15
3.20
3.25
3.35
3.55
3.40
3.40
3.50
3.60
3.90
16 MHz
2.25
2.30
2.35
2.50
2.65
2.50
2.50
2.60
2.70
3.00
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI
all peripherals disable
2 MHz
275
290
340
425
590
325
360
425
565
840
µA
1 MHz
155
165
210
295
460
185
195
275
420
690
400 kHz
69.0
83.0
130
215
280
90.5
108
195
340
600
100 kHz
32.0
45.5
92.0
175
340
48.0
69
155
300
570
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com