Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBI3PTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L412RBI3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBI3PTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L412RBI3PTR Datasheet HTML 10Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 11Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 12Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 13Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 14Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 15Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 16Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 17Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
Description
STM32L412xx
14/192
DS12469 Rev 4
Timers
Advanced
control
1 (16-bit)
General
purpose
2 (16-bit)
1 (32-bit)
Basic
1 (16-bit)
Low -power
2 (16-bit)
SysTick timer
1
Watchdog
timers
(independent,
window)
2
Comm.
interfaces
SPI
2
1
I2C3
2
USART
LPUART
3
1
2
1
USB FS
Yes
RTC
Yes
Tamper pins
2
2
1
Random generator
Yes
GPIOs(1)
Wakeup pins
52
4
38
3
30
2
26
2
Capacitive sensing
Number of channels
12
6
2
12-bit ADC
Number of channels
2
16
2
10
2
10
2
10
Internal voltage reference
buffer
No
Analog comparator
1
Operational amplifiers
1
Max. CPU frequency
80 MHz
Operating voltage (VDD)
1.71 to 3.6 V
Operating voltage (VDD12)
1.00 to 1.32 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 125 °C
Junction temperature: -40 to 105 °C / -40 to 130 °C
Packages
LQFP64
UFBGA64
LQFP48
UFQFPN48
WLCSP36
UFQFPN32
LQFP32
1. In case external SMPS package type is used, 2 GPIO's are replaced by VDD12 pins to connect the SMPS power supplies
hence reducing the number of available GPIO's by 2.
Table 2. STM32L412xx family device features and peripheral counts (continued)
Peripheral
STM32L412Rx
STM32L412Cx
STM32L412Tx
STM32L412Kx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com