Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBI3PTR Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32L412RBI3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBI3PTR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32L412RBI3PTR Datasheet HTML 91Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 92Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 93Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 94Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 95Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 96Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 97Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 98Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
Table 40. Current consumption in Sleep and Low-power sleep modes, Flash ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Sleep)
Supply
current in
sleep
mode,
fHCLK = fHSE up
to 48 MHz
included, bypass
mode
pll ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.535 0.550 0.600
0.680
0.835
0.58
0.60
0.66
0.79
1.05
mA
16 MHz
0.375 0.390 0.435
0.515
0.670
0.41
0.43
0.50
0.62
0.88
8 MHz
0.245 0.260 0.305
0.385
0.540
0.27
0.29
0.36
0.49
0.74
4 MHz
0.180 0.195 0.240
0.315
0.470
0.20
0.22
0.29
0.42
0.67
2 MHz
0.150 0.160 0.205
0.285
0.435
0.17
0.18
0.25
0.38
0.63
1 MHz
0.130 0.145 0.190
0.265
0.420
0.15
0.16
0.24
0.36
0.62
100 kHz 0.115 0.130 0.175
0.250
0.405
0.13
0.15
0.22
0.35
0.60
Range 1
80 MHz
1.65
1.70
1.75
1.85
2.00
1.80
1.80
1.85
1.95
2.25
72 MHz
1.50
1.55
1.60
1.70
1.85
1.60
1.65
1.70
1.80
2.10
64 MHz
1.35
1.40
1.45
1.55
1.70
1.45
1.50
1.55
1.65
1.95
48 MHz
1.00
1.05
1.10
1.2
1.35
1.10
1.15
1.20
1.35
1.65
32 MHz
0.725 0.740 0.795
0.885
1.05
0.78
0.80
0.87
1.05
1.35
24 MHz
0.575 0.595 0.650
0.740
0.910
0.62
0.64
0.72
0.86
1.15
16 MHz
0.425 0.440 0.495
0.585
0.760
0.47
0.48
0.56
0.71
1.00
IDD_ALL
(LPSleep)
Supply
current in
low-power
sleep
mode
fHCLK = fMSI
all peripherals disable
2 MHz
52.5
66.5
115
195
360
71.0
91.5
175
315
600
µA
1 MHz
37.0
51.5
97.5
180
345
55.0
73.0
165
295
575
400 kHz
25.5
39.0
85.0
170
330
41.0
63.0
150
280
565
100 kHz
18.5
33.5
80.5
165
325
36.0
57.5
145
280
560
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com