Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBI3PTR Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32L412RBI3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBI3PTR Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32L412RBI3PTR Datasheet HTML 93Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 94Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 95Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 96Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 97Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 98Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 99Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 100Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
Table 43. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Stop 2)
Supply current in
Stop 2 mode,
RTC disabled
-
1.8 V
0.77
2.35
8.60
20.5
46.0
2.0
5.6
21.5
51.0
115
µA
2.4 V
0.78
2.35
8.75
21.0
47.0
2.1
5.8
22.0
52.5
120
3 V
0.79
2.40
9.00
21.5
49.0
2.1
5.9
22.5
54.0
125
3.6 V
0.84
2.55
9.40
22.5
51.5
2.3
6.1
23.0
56.0
130
ENULP = 1
1.8 V
0.72
2.35
9.35
21.0
46.5
-
-
-
-
-
2.4 V
0.74
2.35
9.65
22.0
48.0
-
-
-
-
-
3 V
0.75
2.65
10.0
22.5
50.0
-
-
-
-
-
3.6 V
0.79
2.90
10.5
24.0
52.5
-
-
-
-
-
IDD_ALL
(Stop 2 with
RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI
1.8 V
1.05
2.70
9.00
21.0
46.0
2.5
6.2
22.0
51.5
120
µA
2.4 V
1.10
2.90
9.30
21.5
47.5
2.8
6.4
22.5
53.0
120
3 V
1.20
3.10
9.65
22.5
49.5
3.0
6.8
23.0
54.5
125
3.6 V
1.30
3.35
10.0
23.5
52.0
3.3
7.2
24.5
57.0
130
RTC clocked by LSI
ENULP = 1
LPCAL = 1
1.8 V
1.00
2.65
9.55
21.5
46.5
-
-
-
-
-
2.4 V
1.05
2.90
10.0
22.0
48.5
-
-
-
-
-
3 V
1.10
3.15
10.5
23.0
50.5
-
-
-
-
-
3.6 V
1.20
3.55
11.5
24.5
53.0
-
-
-
-
-
RTC clocked by LSI
ENULP = 1
LPCAL = 1
LSIPREDIV = 1
1.8 V
0.86
2.45
9.35
21.5
46.5
-
-
-
-
-
2.4 V
0.88
2.60
9.70
22.0
48.0
-
-
-
-
-
3 V
0.93
2.75
10.0
23.0
50.0
-
-
-
-
-
3.6 V
0.98
3.05
11.0
24.0
52.5
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com