Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBI3PTR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32L412RBI3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBI3PTR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32L412RBI3PTR Datasheet HTML 84Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 85Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 86Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 87Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 88Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 89Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 90Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 91Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 192 page
background image
Table 29. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105
°C
125
°C
25 °C
55 °C
85 °C
105
°C
125
°C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.00
2.05
2.10
2.15
2.35
2.20
2.20
2.25
2.35
2.55
mA
16 MHz
1.30
1.30
1.35
1.45
1.60
1.40
1.45
1.45
1.55
1.80
8 MHz
0.705
0.720
0.765
0.845
1.00
0.75
0.77
0.83
0.94
1.20
4 MHz
0.410
0.425
0.470
0.550
0.700
0.44
0.46
0.52
0.64
0.90
2 MHz
0.265
0.275
0.320
0.395
0.555
0.28
0.30
0.37
0.49
0.75
1 MHz
0.190
0.200
0.245
0.325
0.475
0.21
0.22
0.29
0.42
0.67
100 kHz 0.120
0.135
0.180
0.255
0.410
0.14
0.15
0.23
0.35
0.61
Range 1
80 MHz
7.15
7.20
7.25
7.45
7.55
7.65
7.65
7.75
7.75
8.00
72 MHz
6.45
6.50
6.55
6.75
6.85
6.90
6.95
7.00
7.05
7.25
64 MHz
5.75
5.80
5.85
6.05
6.15
6.15
6.20
6.25
6.30
6.50
48 MHz
4.20
4.35
4.40
4.50
7.70
4.65
4.65
4.70
4.80
5.00
32 MHz
2.95
2.95
3.00
3.10
3.30
3.15
3.15
3.20
3.30
3.55
24 MHz
2.25
2.25
2.30
2.40
2.60
2.40
2.40
2.50
2.60
2.85
16 MHz
1.55
1.55
1.60
1.70
1.85
1.65
1.70
1.75
1.85
2.10
IDD_ALL
(LPRun)
Supply
current in
low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
180
190
240
320
485
215
225
300
450
720
µA
1 MHz
90.5
110
155
235
400
120
135
220
360
640
400 kHz
40.5
56.0
105
185
350
60.0
76.5
165
315
565
100 kHz
17.5
32.0
78.5
160
325
33.5
53.5
140
285
555
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com