Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412RBI3PTR Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32L412RBI3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412RBI3PTR Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32L412RBI3PTR Datasheet HTML 101Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 102Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 103Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 104Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 105Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 106Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 107Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 108Page - STMicroelectronics STM32L412RBI3PTR Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 192 page
background image
Table 47. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Shutdown)
Supply current
in Shutdown
mode
(backup
registers
retained) RTC
disabled
-
1.8 V
16
100
600
1850
5450
56
310
1200
3350
9550
nA
2.4 V
22
120
705
2150
6250
65
365
1350
3800
11000
3 V
31
155
870
2650
7700
97
600
1700
4750
12500
3.6 V
52
220
1150
3350
9350
95
440
1850
5050
14500
IDD_ALL
(Shutdown
with RTC)
Supply current
in Shutdown
mode
(backup
registers
retained) RTC
enabled
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
210
300
820
2050
5750
-
-
-
-
-
nA
2.4 V
315
445
1100
2650
6950
-
-
-
-
-
3 V
625
1000
2200
44000 10000
-
-
-
-
-
3.6 V
820
1650
3500
5600
14500
-
-
-
-
-
RTC clocked by LSE
bypassed at 32768 Hz
ENULP = 1
1.8 V
210
300
820
2050
5750
-
-
-
-
-
2.4 V
315
445
1100
2650
6950
-
-
-
-
-
3 V
625
1000
2200
44000 10000
-
-
-
-
-
3.6 V
820
1650
3500
5600
14500
-
-
-
-
-
RTC clocked by LSE
quartz (2) in low drive
mode
1.8 V
325
425
930
2200
-
-
-
-
-
-
2.4 V
400
515
1100
2550
-
-
-
-
-
-
3 V
475
630
1350
3100
-
-
-
-
-
-
3.6 V
595
795
1750
-
-
-
-
-
-
-
RTC clocked by LSE
quartz (2) in low drive
mode ENULP = 1
1.8 V
230
325
830
2050
-
-
-
-
-
-
2.4 V
270
380
975
2400
-
-
-
-
-
-
3 V
320
455
1200
1950
-
-
-
-
-
-
3.6 V
400
575
1500
-
-
-
-
-
-
-
IDD_ALL
(wakeup from
Shutdown)
Supply current
during wakeup
from Shutdown
mode
Wakeup clock is
MSI = 4 MHz.
See (3).
3 V
0.78
-
-
-
-
-
-
-
-
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com