Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # MUX507IPWR
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX507IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button MUX507IPWR Datasheet HTML 12Page - Texas Instruments MUX507IPWR Datasheet HTML 13Page - Texas Instruments MUX507IPWR Datasheet HTML 14Page - Texas Instruments MUX507IPWR Datasheet HTML 15Page - Texas Instruments MUX507IPWR Datasheet HTML 16Page - Texas Instruments MUX507IPWR Datasheet HTML 17Page - Texas Instruments MUX507IPWR Datasheet HTML 18Page - Texas Instruments MUX507IPWR Datasheet HTML 19Page - Texas Instruments MUX507IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
16
MUX506, MUX507
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
X denotes don't care..
7 Parameter Measurement Information
7.1 Truth Tables
Table 1. MUX506
EN
A3
A2
A1
A0
ON-CHANNEL
0
X(1)
X(1)
X(1)
X(1)
All channels are off
1
0
0
0
0
Channel 1
1
0
0
0
1
Channel 2
1
0
0
1
0
Channel 3
1
0
0
1
1
Channel 4
1
0
1
0
0
Channel 5
1
0
1
0
1
Channel 6
1
0
1
1
0
Channel 7
1
0
1
1
1
Channel 8
1
1
0
0
0
Channel 9
1
1
0
0
1
Channel 10
1
1
0
1
0
Channel 11
1
1
0
1
1
Channel 12
1
1
1
0
0
Channel 13
1
1
1
0
1
Channel 14
1
1
1
1
0
Channel 15
1
1
1
1
1
Channel 16
(1)
X denotes don't care.
Table 2. MUX507
EN
A2
A1
A0
ON-CHANNEL
0
X(1)
X(1)
X(1)
All channels are off
1
0
0
0
Channels 1A and 1B
1
0
0
1
Channels 2A and 2B
1
0
1
0
Channels 3A and 3B
1
0
1
1
Channels 4A and 4B
1
1
0
0
Channels 5A and 5B
1
1
0
1
Channels 6A and 6B
1
1
1
0
Channels 7A and 7B
1
1
1
1
Channels 8A and 8B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com