Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # MUX507IPWR
Description  MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MUX507IPWR Datasheet(HTML) 2 Page - Texas Instruments

  MUX507IPWR Datasheet HTML 1Page - Texas Instruments MUX507IPWR Datasheet HTML 2Page - Texas Instruments MUX507IPWR Datasheet HTML 3Page - Texas Instruments MUX507IPWR Datasheet HTML 4Page - Texas Instruments MUX507IPWR Datasheet HTML 5Page - Texas Instruments MUX507IPWR Datasheet HTML 6Page - Texas Instruments MUX507IPWR Datasheet HTML 7Page - Texas Instruments MUX507IPWR Datasheet HTML 8Page - Texas Instruments MUX507IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
MUX506, MUX507
SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 7
6.5
Electrical Characteristics: Dual Supply ..................... 7
6.6
Electrical Characteristics: Single Supply................... 9
6.7
Typical Characteristics ............................................ 11
7
Parameter Measurement Information ................ 16
7.1
Truth Tables ............................................................ 16
7.2
On-Resistance ........................................................ 17
7.3
Off Leakage............................................................. 17
7.4
On-Leakage Current ............................................... 18
7.5
Transition Time ....................................................... 18
7.6
Break-Before-Make Delay....................................... 19
7.7
Turn-On and Turn-Off Time .................................... 20
7.8
Charge Injection ...................................................... 21
7.9
Off Isolation ............................................................. 22
7.10
Channel-to-Channel Crosstalk .............................. 22
7.11
Bandwidth ............................................................. 23
7.12
THD + Noise ......................................................... 23
8
Detailed Description ............................................ 24
8.1
Overview ................................................................. 24
8.2
Functional Block Diagram ....................................... 24
8.3
Feature Description................................................. 25
8.4
Device Functional Modes........................................ 27
9
Application and Implementation ........................ 28
9.1
Application Information............................................ 28
9.2
Typical Application ................................................. 28
10
Power Supply Recommendations ..................... 30
11
Layout................................................................... 31
11.1
Layout Guidelines ................................................. 31
11.2
Layout Example .................................................... 31
12
Device and Documentation Support ................. 33
12.1
Documentation Support ........................................ 33
12.2
Related Links ........................................................ 33
12.3
Receiving Notification of Documentation Updates 33
12.4
Community Resources.......................................... 33
12.5
Trademarks ........................................................... 33
12.6
Electrostatic Discharge Caution ............................ 33
12.7
Glossary ................................................................ 33
13
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2016) to Revision A
Page
•
Changed Transition Time From: 85 ns To: 97ns (Typ) in the Features list............................................................................ 1
•
Added SOIC packages to Feature and Device Information .................................................................................................. 1
•
Added the DW (SOIC) package to the Pin Configuration and Functions section .................................................................. 3
•
Added SOIC package to the Thermal Information table ........................................................................................................ 7
•
Changed Transition time Typ value From 85: ns To: 97ns for ±15 V supplies in the Electrical Characteristics: Dual
Supply table ............................................................................................................................................................................ 8
•
Added additional specifications for the SOIC packages (QJ, Off-isolation, and channel-to-channel crosstalk) for ±15
V supplies in Electrical Characteristics: Dual Supply ............................................................................................................. 8
•
Changed Transition time Typ value From: 91 To: 102 ns for 12 V supply in the Electrical Characteristics: Single
Supply table .......................................................................................................................................................................... 10
•
Added additional specifications for the SOIC packages (QJ, Off-isolation, and channel-to-channel crosstalk) for 12 V
supply in Electrical Characteristics: Single Supply ............................................................................................................... 10
•
Added NOTE to the Application and Implementation section .............................................................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com