| Electronic Components Datasheet Search |
|
MUX507IPWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX507IPWR Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 43 page ![]() 1 VDD 28 D 2 NC 27 VSS 3 NC 26 S8 4 S16 25 S7 5 S15 24 S6 6 S14 23 S5 7 S13 22 S4 8 S12 21 S3 9 S11 20 S2 10 S10 19 S1 11 S9 18 EN 12 GND 17 A0 13 NC 16 A1 14 A3 15 A2 Not to scale 3 MUX506, MUX507 www.ti.com SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated 5 Pin Configuration and Functions MUX506: PW and DW Packages 28-Pin TSSOP and SOIC Top View Pin Functions: MUX506 PIN FUNCTION DESCRIPTION NAME NO. A0 17 Digital input Address line 0 A1 16 Digital input Address line 1 A2 15 Digital input Address line 2 A3 14 Digital input Address line 3 D 28 Analog input or output Drain pin. Can be an input or output. EN 18 Digital input Active high digital input. When this pin is low, all switches are turned off. When this pin is high, the A[3:0] logic inputs determine which switch is turned on. GND 12 Power supply Ground (0 V) reference NC 2, 3, 13 No connect Do not connect S1 19 Analog input or output Source pin 1. Can be an input or output. S2 20 Analog input or output Source pin 2. Can be an input or output. S3 21 Analog input or output Source pin 3. Can be an input or output. S4 22 Analog input or output Source pin 4. Can be an input or output. S5 23 Analog input or output Source pin 5. Can be an input or output. S6 24 Analog input or output Source pin 6. Can be an input or output. S7 25 Analog input or output Source pin 7. Can be an input or output. S8 26 Analog input or output Source pin 8. Can be an input or output. S9 11 Analog input or output Source pin 9. Can be an input or output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |