| Electronic Components Datasheet Search |
|
MUX507IPWR Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX507IPWR Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 43 page ![]() S D CGDP CGDN CGSN CGSP OFF ON OFF ON Copyright © 2017, Texas Instruments Incorporated Temperature (qC) -75 -50 -25 0 25 50 75 100 125 150 -2000 -1500 -1000 -500 0 500 1000 D006 ID(OFF)+ IS(OFF)+ ID(ON)+ ID(OFF)- IS(OFF)- ID(ON)- 25 MUX506, MUX507 www.ti.com SBAS803A – NOVEMBER 2016 – REVISED NOVEMBER 2017 Product Folder Links: MUX506 MUX507 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated 8.3 Feature Description 8.3.1 Ultralow Leakage Current The MUX50x provide extremely low on- and off-leakage currents. The MUX50x are capable of switching signals from high source-impedance inputs into a high input-impedance op amp with minimal offset error because of the ultra-low leakage currents. Figure 37 shows typical leakage currents of the MUX50x versus temperature. Figure 37. Leakage Current vs Temperature 8.3.2 Ultralow Charge Injection The MUX50x have a simple transmission gate topology, as shown in Figure 38. Any mismatch in the stray capacitance associated with the NMOS and PMOS causes an output level change whenever the switch is opened or closed. Figure 38. Transmission Gate Topology |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |