Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA101SM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 12Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 13Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 14Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 15Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 16Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 17Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
•
Structure (Sequencer/Vector/Macro/ScanBridge) Control Registers
•
Count Generator
•
Shifter (TDO_SM/TDI_SM/TMS_SM)
•
Comparator
•
Expected and Mask Registers
•
Serial Scan Interface Controller (SSIC) and ScanBridge Controller
The clock divider unit divides the system clock SCK based on the programmable divisor set in the clock divider to
generate TCK_SM. The TCK_SM control unit gates TCK_SM if the TDO_SM buffer is empty.
The TAP Tracker unit tracks the target's TAP controller state. The TAP Tracker determines whether the target's
TAP controller is in SIR or SDR state, so that the necessary pad bits are inserted.
The shifter block contains two 32-bit shift registers for TDO_SM and TDI_SM respectively, and a 16-bit shift
register for TMS_SM.
The comparator unit compares the serial input on the TDI_SM pin with the expected data, bit by bit, if the
compare bit of the Macro Structure is set. If the compare/mask bit is set, then the comparator unit compares only
those bits that are unmasked.
Expected and Mask Registers contain the data fetched from the memory. This data is used by the comparator to
compare the TDI_SM input with the expected data.
The SSIC provides the timing and control signals to synchronize the operation of the various blocks in the SSI.
The ScanBridge Controller consists of the control logic to set up the ScanBridge hierarchy, if the ScanBridge
Support Initiate/Release bit is enabled, prior to scanning test vectors out of TDO_SM.
CLOCK DIVIDER AND TCK_SM CONTROL
The clock divider is a binary divider with only one bit of the clock divider register set to one at any given time.
The SCANSTA101 SSI ignores bits 0, and 8-15 of the clock divider register, so the supported divisors are 2, 4, 8,
16, 32, 64 and 128.
To generate a TCK_SM of frequency SCK/4, the clock divider register should be set to 4 (00000100). This will
enable the gate at the output of bit 2 of the counter to generate a clock of SCK divided by 4. If in LotF mode, the
TCK_SM enable from the SSIC will gate TCK_SM when the TDO_SM buffer is empty.
TAP TRACKER
The TAP Tracker consists of a 16-bit register to track the IEEE Standard 1149.1 TAP state machine. The register
is one-hot encoded (meaning that only one bit in the TAP tracker register, corresponding to the current TAP
state, is set at a time) and will continuously track the target's TAP Controller based on the TMS_SM sequence.
The TAP Tracker is used by the ScanBridge support controller to determine whether the target's TAP controller is
in SIR or SDR state so that it can insert an appropriate number of pre and post-shift pad bits.
The TAP Tracker will enter Test-Logic Reset state upon setting the TRST bit (bit 5) in the Setup register or by
issuing a sequence of five TMS_SM high bits.
SHIFTER
The Shifter block contains two 32-bit shift registers for TDO_SM and TDI_SM respectively, and one 16-bit shift
register for TMS_SM. The TMS_SM shifter block diagram is shown in Figure 3, the TDO_SM shifter block
diagram is shown in Figure 4, and the TDI_SM shifter block diagram is shown in Figure 5.
Before the start of a vector processing the TMS_SM shifter is loaded with the least significant 16 bits of the
macro structure. Based on the pre-shift TCK_SM count, the TMS_SM shifter will skip (7 - pre-shift count) least
significant bits. e.g., if the pre-shift count is 4, the least significant 3 bits of the TMS_SM shifter will not be used to
drive TMS_SM during pre-shift. Similarly, if the post-shift is less than 7 then, during post shift only the number of
bits equal to the post-shift count following the macro structure bit 8 will be used to drive TMS_SM.
14
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com