Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA101SM/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 27Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 28Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 29Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 30Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 31Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 32Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 33Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 34Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
Table 30. Header/Trailer Index Register (HTINDEXR) ($13) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
Header/Trailer Index
0
0000h
SYS_RST
(1)
Header/Trailer Index<15:0> sets the Header/Trailer address memory pointer.
(2)
Address memory pointer must be on a long word boundary.
Table 31. Macro Index Register (MINDEXR) ($15) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
Macro Index
0
0000h
SYS_RST
(1)
Macro Index<15:0> sets the Macro address memory pointer.
(2)
Address memory pointer must be on a long word boundary.
Table 32. Sequencer Index Register (SINDEXR) ($17) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
Sequencer Index
0
0000h
SYS_RST
(1)
Sequencer Index<15:0> sets the Sequencer address memory pointer.
(2)
Address memory pointer must be on a long word boundary.
Table 33. ScanBridge Support Index Register (BSINDEXR) ($19) (1)(2)
Bit(s)
Type
Field
Address Offset
Reset Value
Reset Source
15:0
RW
ScanBridge Index
0
0000h
SYS_RST
(1)
ScanBridge Index<15:0> sets the ScanBridge Support address memory pointer.
(2)
Address memory pointer must be on a long word boundary.
TESTABILITY DETAILS - IEEE 1149.1 SUPPORT
Table 34. Supported IEEE 1149.1 Instruction Set
Instruction Mnemonic
Binary Instruction Code
Description
EXTEST
000
Allows off-chip circuitry and interconnect to be tested.
SAMPLE/PRELOAD
001
Allows snapshot of normal operation. Also allows data to be loaded on
parallel output boundary scan registers.
BYPASS
111
Places device in bypass mode so that there is single shift register stage
between TDI and TDO.
IDCODE
010
Allows scanning of the device identification register.
HIGHZ
011
Will TRI-STATE all output drivers with the exception of TDO.
CLAMP
100
Allows the state of the signals driven from component pins to be
determined from the boundary-scan register while the BYPASS register
is selected as the serial path between TDI and TDO.
RUNBIST
110
Enables on chip BIST logic to perform memory BIST.
SCANTEST
101
Allows the assertion of internal test_mode signal to prevent the
asynchronous resets from inadvertently resetting the flip-flops during
internal scan. Used in factory test.
Table 35. IDCODE Register Description
Version
Part Number
Manufacturer Identity
Start Bit
"0000"
"1111 1100 0001 0111"
"000 0000 1111"
"1"
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com