Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA101SM/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 16Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 17Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 18Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 19Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 20Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 21Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 22Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 23Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
(c) Decrement the vector repeat count and return to Step 3E if the Compare or Mask/ Compare is not
enabled.
12. If the Vector is being used return to the Idle state.
MODE REGISTER WRITE TO VECTOR/SEQUENCER START
Figure 8 shows the timing from the processor write to the start of vector processing. Figure 9 shows the timing
from the processor write to the start of sequencer processing. A processor write to the Start registers is indicated
by a "new data" pulse. On the same SCK rising edge when the "new data" is detected to be high, the Start or
Setup register contents will be updated with new data. So, the decoding of the enables takes place during the
next clock cycle to determine whether to process the sequencer or a vector. Therefore, one clock after the "new
data" is detected, the SSIC starts loading the pointer register on consecutive cycles with the appropriate
addresses to fetch the Sequencer, Vector and Macro Structures. Once the headers are decoded and Structure
Control Registers are set up, the SSIC loads the pointer register so that data from the TDO_SM memory area is
fetched and loaded into the TDO_SM shifter before being shifted out. However if there are any sync bits and/or
header bits and/or ScanBridge support is enabled, then the sync bits and/or header bits and/or ScanBridge pre-
PAD bits will be loaded into the TDO_SM shifter before processing the actual test vector. Once the actual test
vector is completely shifted out, again depending on the ScanBridge support and/or the use of trailers, post-PAD
bits and the trailer bits are loaded and shifted out through the TDO_SM shifter.
The count length will be decremented by one with each shift. After shifting out all the current shifter contents the
shifter will be loaded with new data before the falling edge of the next TCK_SM, if the count length is not
exhausted. In the case where data cannot be loaded from the memory before the next falling edge of TCK_SM,
the TCK_SM will be gated until the data is available.
Figure 8. Timing from Mode Register Write to Vector Start
Figure 9. Timing from Mode Register to Sequencer Start
20
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com