Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA101SM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 12Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 13Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 14Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 15Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
SCANSTA101
SNLS057J – MAY 2002 – REVISED APRIL 2013
www.ti.com
All the control for this block is provided by the PIC and MRD with the 16/32-bit mode enable coming from the
Setup register.
EDGE DETECTOR
The PPI module can support either an asynchronous or synchronous processor interface. For an asynchronous
interface, the circuit initially synchronizes STB and CE to the system clock, SCK, by pipelining these two signals
through two flip-flop stages and then performing an edge detection on STB and CE. For a synchronous parallel
processor interface, this circuit just performs an edge detection. The outputs of this circuit, one clock wide pulses
indicating the detection of negative and positive edges, are used by the Processor Interface Controller (PIC)
state machine to start and to end a processor access.
PROCESSOR INTERFACE CONTROLLER
The Processor Interface Controller (PIC) monitors the incoming processor control signals and sets up the
appropriate internal control signals to move the data into memory or into an internal register on a write or to
move the data out of memory or out of an internal register on a read. The PIC edge detects the CE and the STB
to start the access. The PIC provides the control for the word to long word conversion in the WLWC by
controlling the three enables and the mux select (READ_MSW) to the capture registers. The PIC also controls
when the internal read/write enable is issued to the memory to complete the read/write operation. Timing for
register and memory read and write operations is described in Figure 12 and Figure 13.
MEMORY/REGISTER DECODER
The Memory/Register Decoder (MRD) contains all six index registers (Index, Vector Index, Header/Trailer Index,
Macro Index, Sequencer Index and ScanBridge Support Index) and four address registers (TDI_SM Address,
TDO_SM Address, Expected Address and Mask Address). On the PPI side, both index and address registers are
used to maintain pointers to their respective memory spaces. The Index register sets values in all four address
registers; i.e., writing to the Index register sets all of the address registers. The value written to each address
register is the sum of its base address and the value written to the Index register (the offset). All index and
address registers except the Index register auto-increment with each access to the corresponding memory
space.
The MRD provides the address decode to generate all the control and status register enables for the CG and the
SIG. The MRD also provides the mux selects for the register or memory selection for the read capture operation
in the WLWC.
CONTROL GENERATOR
The Control Generator includes the seven control registers: the Start, Interrupt Control, Setup, Clock Divider,
TDI_SM LFSR Exponent, TDI_SM LFSR LSB Seed, and TDI_SM LFSR MSB Seed registers are included in this
block. The CG issues a strobe to the SSI when a write has been issued to the Start or Setup registers so the SSI
can react to the new control data. The strobe is derived from edge detecting the enables to the Start or Setup
registers. The "new" data to the SSI are the Use Sequencer bit and three Use Vector bits from the Start register,
and the TDO Default Value, TRST, ScanBridge Support Initiate/Release, three-bit Sync Bit Length, and two Test
Loop-back bits from the Setup register.
STATUS/INTERRUPT GENERATOR
The Status/Interrupt Generator comprises the four status registers plus the logic to generate the interrupts and to
clear the interrupts on a read. The registers are the Status, Interrupt Status, TDI_SM LFSR LSB Result and
TDI_SM LFSR MSB Result registers. The SIG receives the LFSR result and strobe signal SSI_LFSR_EN from
the SSI and captures the data in the LSB and MSB registers. The SIG receives the compare result bit value from
the SSI along with the compare result bit clear and the compare result bit load.
The SIG receives the 4 memory space flags from the FG along with their associated load and clear signals so
these bits may be constantly updated. The half-full, half-empty, full and empty flags are generated and updated
regardless of the states of their respective interrupt enables. The SIG also receives the four interrupt enables for
the flags. The SIG also receives the sequencer active and the three vector active signals from the SSI. These
are also updated regardless of the enable state.
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com