Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA101SM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # SCANSTA101SM/NOPB
Description  SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCANSTA101SM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button SCANSTA101SM/NOPB Datasheet HTML 7Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 8Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 9Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 10Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 11Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 12Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 13Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 14Page - Texas Instruments SCANSTA101SM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
SCANSTA101
www.ti.com
SNLS057J – MAY 2002 – REVISED APRIL 2013
Table 10. SCAN BRIDGE SUPPORT STRUCTURE
Bit(s)
Function
0x00 - 0x0F
Levels of Scan Bridge support to be inserted in the scan chain
0x10 - 0x17
Hierarchical Level 0 Scan Bridge Address
0x18 - 0x1F
Hierarchical Level 0 Scan Bridge LSP
0x20 - 0x27
Hierarchical Level 1 Scan Bridge Address
0x28 - 0x2F
Hierarchical Level 1 Scan Bridge LSP
..x.. - ..x..
Hierarchical Level Scan Bridge Address and LSP
0x7F0 - 0x7F7
Hierarchical Level 125 Scan Bridge Address
0x7F8 - 0x7FF
Hierarchical Level 125 Scan Bridge LSP
MODULE DESCRIPTIONS
Figure 1 shows a high level view of the SCANSTA101. The Parallel Processor Interface (PPI) and the Serial
Scan Interface (SSI) connect to each other through a dual-port memory. The PPI provides a parallel interface for
transferring data into and out of the dual-port memory, and for configuring, controlling and obtaining the status of
the device. The SSI, which resides on the other side of the dual-port memory, provides the parallel-to-serial and
serial-to-parallel conversion paths for providing test data and test control to support the STA Master and IEEE
1532 functions.
DUAL PORT MEMORY
The Dual Port Memory module is a 2048 x 32 bit dual-port memory which acts as the buffer between the PPI and
the SSI. There are seven regions of memory as viewed from the processor side. These regions, shown in
Table 3, are TDO_SM, TDI_SM, Expected, Mask, Vector, Header/Trailer, Macro. Sequencer, and ScanBridge
Support. Each has a pointer which resides in the PPI.
The memory is big endian oriented and is viewed as a single entity from the SSI side, and the SSI maintains a
pointer. The dual port memory module does not include any logic outside of its own macro function, so all the
timing and support logic is included in the PPI and SSI sections. There is no logic included in the SCANSTA101
design to utilize the "busy" indicators to keep the user from overwriting memory locations. The only area where
this could occur in memory would be the TDI_SM memory space since both the SSI and PPI can write to this
space, but the drivers should not allow PPI writes to this area during normal operations. The Texas Instruments
SCAN Ease software does not allow PPI writes to the TDI_SM memory.
PARALLEL PROCESSOR INTERFACE
The overall function of the PPI is to receive the parallel data from the processor; store the data in the appropriate
register or memory location; act on the data if the data are PPI control data; provide status data back to the
processor; and provide a read path for result data to the processor. The PPI consists of seven main blocks of
logic. These blocks are the Edge Detector (ED), Processor Interface Controller (PIC), the Memory/Register
Decoder (MRD), the Word/Long Word Converter (WLWC), the Control Generator (CG), the Status/Interrupt
Generator (SIG) and the Flag Generator (FG).
WORD/LONG WORD CONVERTER
The Word/Long Word Converter (WLWC) has four 16-bit capture registers: a least significant/most significant
(LS/MS) word read capture register pair; and a LS/MS word write capture register pair.
Each register within the write register pair has a separate enable to allow for the necessary control to accomplish
word to long word conversions when in the 16-bit mode. In 32-bit mode, these enables are driven
simultaneously. A mux is provided in front of the MS word write capture register to select between the 32-bit and
16-bit mode external bus.
Only one enable and a mux select is needed to control the read capture register pair to accomplish the long word
to word conversions when in the 16- bit mode. In the 32-bit mode, the mux selection doesn't change, so 32 bits
are always driven. A mux is on either side of the LS word read capture register. The mux at the register output
provides for selection between the 32-bit and 16-bit mode. The mux at the register input is for selection between
register space and memory space.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SCANSTA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com