Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G80DBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74LVC1G80DBVT
Description  SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G80DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74LVC1G80DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
WORST
BETTER
BEST
1W min.
W
14
SN74LVC1G80
SCES221S – APRIL 1999 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN74LVC1G80
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in
Absolute Maximum Ratings . Each VCC terminal must have a good bypass capacitor to prevent power
disturbance. For devices with a single supply, a 0.1-µF bypass capacitor is recommended. If multiple pins are
labeled VCC, then a 0.01-µF or 0.022-µF capacitor is recommended for each VCC because the VCC pins are
tied together internally. For devices with dual-supply pins operating at different voltages, for example VCC and
VDD, a 0.1-µF bypass capacitor is recommended for each supply pin. To reject different frequencies of noise,
use multiple bypass capacitors in parallel. Capacitors with values of 0.1 µF and 1 µF are commonly used in
parallel. The bypass capacitor must be installed as close to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
Reflections and matching are closely related to the loop antenna theory but are different enough to be discussed
separately from the theory. When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection
occurs primarily because of the change of width of the trace. At the apex of the turn, the trace width increases to
1.414 times the width. This increase upsets the transmission-line characteristics, especially the distributed
capacitance and self–inductance of the trace which results in the reflection. Not all PCB traces can be straight
and therefore some traces must turn corners. Figure 7 shows progressively better techniques of rounding
corners. Only the last example (BEST) maintains constant trace width and minimizes reflections.
11.2 Layout Example
Figure 7. Trace Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com