Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G80DBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC1G80DBVT
Description  SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G80DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1G80DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
MCU
VCC
10 k
GPIO Output
CLK
CLK/2
Q
D
2
1
3
4
5
CLK
SN74LVC1G80
12
SN74LVC1G80
SCES221S – APRIL 1999 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN74LVC1G80
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
A useful application for the SN74LVC1G80 is using it as a frequency divider. By feeding back the output (Q) to
the input (D), the output will toggle on every rising edge of the clock waveform. In other words, the output goes
HIGH once every two clock cycles so essentially the frequency of the clock signal is divided by a factor of two.
The SN74LVC1G80 does not have preset or clear functions so the initial state of the output is unknown. This
application implements the use of a microcontroller GPIO pin to initially set the input HIGH, so the output LOW.
Initialization is not needed, but should be kept in mind. Post initialization, the GPIO pin is set to a high
impedance mode. Depending on the microcontroller, the GPIO pin could be set to an input and used to monitor
the clock division.
9.2 Typical Application
Figure 5. Clock Frequency Division
9.2.1 Design Requirements
For this application a resistor needs to be placed on the feedback line in order for the initialization voltage from
the microcontroller to overpower the signal coming from the output (Q). Without it the state at the input would be
challenged by the GPIO from the microcontroller and from the output of the SN74LVC1G80.
The SN74LVC1G80 device uses CMOS technology and has balanced output drive. Take care to avoid bus
contention because it can drive currents that would exceed maximum limits.
9.2.2 Detailed Design Procedure
1. Recommended input conditions:
–
For rise time and fall time specifications, see Δt/Δv in Recommended Operating Conditions.
–
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions.
–
Input voltages are recommended to not go below 0 V and not exceed 5.5 V for any VCC. See
Recommended Operating Conditions.
2. Recommended output conditions:
–
Load currents should not exceed ±50 mA. See Absolute Maximum Ratings .
–
Output voltages are recommended to not go below 0 V and not exceed the VCC voltage. See
Recommended Operating Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com