Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G80DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC1G80DBVT
Description  SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G80DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G80DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
C
C
TG
C
C
TG
C
C
C
C
C
CLK
D
Q
C
TG
TG
2
1
4
11
SN74LVC1G80
www.ti.com
SCES221S – APRIL 1999 – REVISED NOVEMBER 2016
Product Folder Links: SN74LVC1G80
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74LVC1G80 is a single positive-edge-trigger D-type flip-flop. Data at the input (D) is transferred to the
output (Q) on the positive-going edge of the clock pulse when the setup time requirement is met. Because the
clock triggering occurs at a voltage level, it is not directly related to the rise time of the clock pulse. This allows
for data at the input to be changed without affecting the level at the output, following the hold-time interval.
8.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
8.3 Feature Description
This device has a wide operating VCC range of 1.65 V to 5.5 V. The wide operating range allows for a broad
range of systems the device can be used in. The output can handle This device is full specified for partial-power-
down applications. When VCC = 0, the Ioff circuitry disables the outputs, preventing damaging current backflow
through the device.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC1G80.
Table 1. Function Table
INPUTS
OUTPUT
Q
CLK
D
↑
H
L
↑
L
H
L
X
Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com