Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G80DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1G80DBVT
Description  SN74LVC1G80 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G80DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G80DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G80DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5
1
V
CC
D
2
CLK
3
4
GND
Q
2
CLK
3
4
GND
V
CC
5
D
Q
1
2
CLK
V
CC
1 5
D
GND
4
3
Q
3
SN74LVC1G80
www.ti.com
SCES221S – APRIL 1999 – REVISED NOVEMBER 2016
Product Folder Links: SN74LVC1G80
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZP Package
5-Pin DSBGA
Bottom View
DCK Package
5-Pin SC70
Top View
DBV Package
5-Pin SOT-23
Top View
(1)
See Mechanical, Packaging, and Orderable Information for dimensions
Pin Functions(1)
PIN
I/O
DESCRIPTION
NO.
NAME
1
D
I
Data input
2
CLK
I
Clocking input
3
GND
—
Ground pin
4
Q
O
Flip-flop output
5
VCC
—
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com