Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC2543MDBREP Datasheet HTML 14Page - Texas Instruments TLC2543MDBREP Datasheet HTML 15Page - Texas Instruments TLC2543MDBREP Datasheet HTML 16Page - Texas Instruments TLC2543MDBREP Datasheet HTML 17Page - Texas Instruments TLC2543MDBREP Datasheet HTML 18Page - Texas Instruments TLC2543MDBREP Datasheet HTML 19Page - Texas Instruments TLC2543MDBREP Datasheet HTML 20Page - Texas Instruments TLC2543MDBREP Datasheet HTML 21Page - Texas Instruments TLC2543MDBREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
Vref + – Vref –
2
Converter and Analog Input
Reference Voltage Inputs
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
Table 4. Test-Mode-Select Address
VALUE SHIFTED INTO DATA INPUT
INTERNAL SELF-TEST
UNIPOLAR OUTPUT
VOLTAGE SELECTED(1)
RESULT (HEX)(2)
BINARY
HEX
1011
B
800
Vref–
1100
C
000
Vref+
1101
D
FFF
(1)
Vref+ is the voltage applied to REF+, and Vref– is the voltage applied to REF–.
(2)
The output results shown are the ideal values and may vary with the reference stability and with
internal offsets.
Table 5. Power-Down-Select Address
VALUE SHIFTED INTO DATA INPUT
INPUT COMMAND
RESULT
BINARY
HEX
Power down
1110
E
ICC ≤25 µA
The CMOS threshold detector in the successive-approximation conversion system determines each bit by
examining the charge on a series of binary-weighted capacitors (see Figure 1). In the first phase of the
conversion process, the analog input is sampled by closing the SC switch and all ST switches simultaneously.
This action charges all the capacitors to the input voltage.
In the next phase of the conversion process, all ST and SC switches are opened and the threshold detector
begins identifying bits by identifying the charge (voltage) on each capacitor relative to the reference (REF–)
voltage. In the switching sequence, 12 capacitors are examined separately until all 12 bits are identified and the
charge-convert sequence is repeated. In the first step of the conversion phase, the threshold detector looks at
the first capacitor (weight = 4096). Node 4096 of this capacitor is switched to the REF+ voltage, and the
equivalent nodes of all the other capacitors on the ladder are switched to REF–. When the voltage at the
summing node is greater than the trip point of the threshold detector (approximately one-half VCC), a bit 0 is
placed in the output register and the 4096-weight capacitor is switched to REF–. When the voltage at the
summing node is less than the trip point of the threshold detector, a bit 1 is placed in the register and this
4096-weight capacitor remains connected to REF+ through the remainder of the successive-approximation
process. The process is repeated for the 2048-weight capacitor, the 1024-weight capacitor, and so forth down
the line until all bits are determined. With each step of the successive-approximation process, the initial charge
is redistributed among the capacitors. The conversion process relies on charge redistribution to determine the
bits from MSB to LSB.
The two reference inputs used with the device are the voltages applied to the REF+ and REF– terminals. These
voltage values establish the upper and lower limits of the analog input to produce a full-scale and zero-scale
reading, respectively. These voltages and the analog input should not exceed the positive supply or be lower
than ground consistent with the specified absolute maximum ratings. The digital output is at full scale when the
input signal is equal to or higher than REF+ terminal voltage, and at zero when the input signal is equal to or
lower than REF– terminal voltage.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com