Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2543MDBREP Datasheet HTML 8Page - Texas Instruments TLC2543MDBREP Datasheet HTML 9Page - Texas Instruments TLC2543MDBREP Datasheet HTML 10Page - Texas Instruments TLC2543MDBREP Datasheet HTML 11Page - Texas Instruments TLC2543MDBREP Datasheet HTML 12Page - Texas Instruments TLC2543MDBREP Datasheet HTML 13Page - Texas Instruments TLC2543MDBREP Datasheet HTML 14Page - Texas Instruments TLC2543MDBREP Datasheet HTML 15Page - Texas Instruments TLC2543MDBREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.ti.com
PRINCIPLES OF OPERATION
Converter Operation
I/O Cycle
Conversion Cycle
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
Initially, with chip select (CS) high, I/O CLOCK and DATA INPUT are disabled and DATA OUT is in the
high-impedance state. CS going low begins the conversion sequence by enabling I/O CLOCK and DATA INPUT
and removes DATA OUT from the high-impedance state.
The input data is an 8-bit data stream consisting of a 4-bit analog channel address (D7–D4), a 2-bit data length
select (D3–D2), an output MSB or LSB first bit (D1), and a unipolar or bipolar output select bit (D0) that are
applied to DATA INPUT. The I/O CLOCK sequence applied to the I/O CLOCK terminal transfers this data to the
input data register.
During this transfer, the I/O CLOCK sequence also shifts the previous conversion result from the output data
register to DATA OUT. I/O CLOCK receives the input sequence of 8, 12, or 16 clock cycles long, depending on
the data-length selection in the input data register. Sampling of the analog input begins on the fourth falling edge
of the input I/O CLOCK sequence and is held after the last falling edge of the I/O CLOCK sequence. The last
falling edge of the I/O CLOCK sequence also takes EOC low and begins the conversion.
The operation of the converter is organized as a succession of two distinct cycles: the I/O cycle and the actual
conversion cycle.
The I/O cycle is defined by the externally provided I/O CLOCK and lasts 8, 12, or 16 clock periods, depending
on the selected output data length.
During the I/O cycle, the following two operations take place simultaneously:
• An 8-bit data stream consisting of address and control information is provided to DATA INPUT. This data is
shifted into the device on the rising edge of the first eight I/O CLOCKs. DATA INPUT is ignored after the first
eight clocks during 12- or 16-clock I/O transfers.
• The data output, with a length of 8, 12, or 16 bits, is provided serially on DATA OUT. When CS is held low,
the first output data bit occurs on the rising edge of EOC. When CS is negated between conversions, the first
output data bit occurs on the falling edge of CS. This data is the result of the previous conversion period, and
after the first output data bit, each succeeding bit is clocked out on the falling edge of each succeeding I/O
CLOCK.
The conversion cycle is transparent to the user, and it is controlled by an internal clock synchronized to I/O
CLOCK. During the conversion period, the device performs a successive-approximation conversion on the
analog input voltage. The EOC output goes low at the start of the conversion cycle and goes high when
conversion is complete and the output data register is latched. A conversion cycle is started only after the I/O
cycle is completed, which minimizes the influence of external digital noise on the accuracy of the conversion.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com