Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2543MDBREP Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC2543MDBREP
Description  12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2543MDBREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2543MDBREP Datasheet HTML 7Page - Texas Instruments TLC2543MDBREP Datasheet HTML 8Page - Texas Instruments TLC2543MDBREP Datasheet HTML 9Page - Texas Instruments TLC2543MDBREP Datasheet HTML 10Page - Texas Instruments TLC2543MDBREP Datasheet HTML 11Page - Texas Instruments TLC2543MDBREP Datasheet HTML 12Page - Texas Instruments TLC2543MDBREP Datasheet HTML 13Page - Texas Instruments TLC2543MDBREP Datasheet HTML 14Page - Texas Instruments TLC2543MDBREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
A/D Conversion
Interval
Initialize
MSB
LSB
MSB
LSB
B7
B6
B5
B4
C7
B15
A15
A14
A13
A12
A11
A10
A9
A8
A1
A0
1
2
3
4
5
6
7
8
15
16
1
I/O
CLOCK
DATA
OUT
DATA
INPUT
CS
EOC
Initialize
Hi-Z State
(see Note A)
B3
B2
B1
B0
Access Cycle B
Sample Cycle B
Previous Conversion Data
t(conv)
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous
Conversion Value
A/D Conversion
Interval
Initialize
MSB
LSB
MSB
LSB
B7
B6
B5
B4
C7
B15
A15
A14
A13
A12
A11
A10
A9
A8
A1
A0
1
2
3
4
5
6
7
8
15
16
1
I/O
CLOCK
DATA
OUT
DATA
INPUT
CS
EOC
Low Level
(see Note A)
B3
B2
B1
B0
Sample Cycle B
Access Cycle B
Previous Conversion Data
t(conv)
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous
Conversion Value
TLC2543-EP
12-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS125A – JULY 2002 – REVISED NOVEMBER 2006
A.
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after CS
↓ before responding to
control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time
has elapsed.
Figure 13. Timing for 16-Clock Transfer Using CS With MSB First
A.
To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after CS
↓ before responding to
control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time
has elapsed.
Figure 14. Timing for 16-Clock Transfer Not Using CS With MSB First
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com