Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC33 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments TMS320VC33 Datasheet HTML 25Page - Texas Instruments TMS320VC33 Datasheet HTML 26Page - Texas Instruments TMS320VC33 Datasheet HTML 27Page - Texas Instruments TMS320VC33 Datasheet HTML 28Page - Texas Instruments TMS320VC33 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, DVDD‡
--0.3Vto4V
......................................................
Supply voltage range, CVDD‡
--0.3 V to 2.4 V
....................................................
Input voltage range, VI§
--1Vto 4.6V
...........................................................
Output voltage range, VO
--0.3 V to 4.6 V
.......................................................
Continuous power dissipation (worst case)¶
500 mW
..............................................
(for TMS320VC33-150)
Operating case temperature range, TC (PGE -- commercial)
0°Cto90°C
............................
TC (PGEA -- industrial)
-- 40°C to 100°C
.........................
Storage temperature range, Tstg
-- 55°C to 150°C
.................................................
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
§ Absolute DC input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of < 2 ns,
< 10 mA, and < 1 V amplitude is permissible.
¶ Actual operating power is much lower. This value was obtained under specially produced worst-case test conditions for the TMS320VC33, which
are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern to the external
data and address buses at the maximum possible rate with a capacitive load of 30 pF. See normal (ICC) current specification in the electrical
characteristics table and also read TMS320C3x General-Purpose Applications User’s Guide (literature number SPRU194).
recommended operating conditions‡#||
MIN
NOM
MAX
UNIT
CVDD
Supply voltage for the core CPUk
1.71
1.8
1.89
V
DVDD
Supply voltage for the I/O pinsh
3
3.3
3.6
V
VSS
Supply ground
0
V
VIH
High-level input voltage
0.7 * DVDD
DVDD +0.3§
V
VIL
Low-level input voltage
-- 0.3§
0.3 * DVDD
V
IOH
High-level output current
4
mA
IOL
Low-level output current
4
mA
T
Operating case temperature (commercial)
0
90
°C
TC
Operating case temperature (industrial)
--40
100
°C
CL
Capacitive load per output pin
30
pF
‡ All voltage values are with respect to VSS.
§ Absolute DC input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of < 2 ns, < 10 mA,
and < 1 V amplitude is permissible.
# All inputs and I/O pins are configured as inputs.
|| All input and I/O pins use a Schmitt hysteresis inputs except SHZ and D0--D31. Hysteresis is approximately 10% of DVDD and is centered at
0.5 * DVDD.
k
CVDD should not exceed DVDD by more than 0.7 V. (Use a Schottky clamp diode between these supplies.)
h
DVDD should not exceed CVDD by more than 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com