Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC33 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 51Page - Texas Instruments TMS320VC33 Datasheet HTML 52Page - Texas Instruments TMS320VC33 Datasheet HTML 53Page - Texas Instruments TMS320VC33 Datasheet HTML 54Page - Texas Instruments TMS320VC33 Datasheet HTML 55Page - Texas Instruments TMS320VC33 Datasheet HTML 56Page - Texas Instruments TMS320VC33 Datasheet HTML 57Page - Texas Instruments TMS320VC33 Datasheet HTML 58Page - Texas Instruments TMS320VC33 Datasheet HTML 59Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TMS320VC33PGE120
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
TMS320VC33PGE120.A
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
TMS320VC33PGE120G4
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
TMS320VC33PGE120G4.A
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
TMS320VC33PGE150
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
-150
TMS320VC33PGE150.A
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
-150
TMS320VC33PGE150G4.A
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
-150
TMS320VC33PGEA120
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
A120
TMS320VC33PGEA120.A
Active
Production
LQFP (PGE) | 144
60 | JEDEC
TRAY (5+1)
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 0
TMS320VC33PGE
A120
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com