Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC33 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments TMS320VC33 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
interrupt response timing
The following table defines the timing parameters for the INTx signals.
timing requirements for INT3--INT0 response (see Figure 29)
VC33-120
VC33-150
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
tsu(INT-H1L)
Setup time, INT3-- INT0 before H1 low
5
4
ns
th(H1L-INT)
Hold time, INT3-- INT0 after H1 low
0
0
ns
tw(INT)
Pulse duration, interrupt to ensure only one interrupt
P+5†
1.5P 2P--5†
P+5†
1.5P 2P--5†
ns
† P=tc(H)
The interrupt (INTx) pins are synchronized inputs that can be asserted at any time during a clock cycle. The
TMS320C3x interrupts are selectable as level- or edge-sensitive. Interrupts are detected on the falling edge of
H1. Therefore, interrupts must be set up and held to the falling edge of the internal H1 for proper detection. The
CPU and DMA respond to detected interrupts on instruction-fetch boundaries only.
For the processor to recognize only one interrupt when level mode is selected, an interrupt pulse must be set
up and held such that a logic-low condition occurs for:
D
A minimum of one H1 falling edge
D
No more than two H1 falling edges
D
Interrupt sources whose edges cannot be ensured to meet the H1 falling edge setup and hold times must
be further restricted in pulse width as defined by tw(INT) (parameter 51) in the table above.
When EDGEMODE=1, the falling edge of the INT0--INT3 pins are detected using synchronous logic (see
Figure 7). The pulse low and high time should be two CPU clocks or greater.
The TMS320C3x can set the interrupt flag from the same source as quickly as two H1 clock cycles after it has
been cleared.
If the specified timings are met, the exact sequence shown in Figure 29 occurs; otherwise, an additional delay
of one clock cycle is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com