Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC33 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 25Page - Texas Instruments TMS320VC33 Datasheet HTML 26Page - Texas Instruments TMS320VC33 Datasheet HTML 27Page - Texas Instruments TMS320VC33 Datasheet HTML 28Page - Texas Instruments TMS320VC33 Datasheet HTML 29Page - Texas Instruments TMS320VC33 Datasheet HTML 30Page - Texas Instruments TMS320VC33 Datasheet HTML 31Page - Texas Instruments TMS320VC33 Datasheet HTML 32Page - Texas Instruments TMS320VC33 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
clock circuit timing
The following table defines the timing parameters for the clock circuit signals.
switching characteristics over recommended operating conditions for on-chip crystal oscillator†
(see Figure 16)
PARAMETER
MIN
TYP
MAX
UNIT
VO
Oscillator internal supply voltage
CVDD
V
FO
Fundamental mode frequency range
1
20
MHz
Vbias
DC bias point (input threshold)
40
50
60
%VO
Rfbk
Feedback resistance
100
300
500
kΩ
Rout
Small signal AC output impedance
250
500
1000
Ω
Vxoutac
AC output voltage with test crystal‡
85
%VO
Vxinac
AC input voltage with test crystal‡
85
%VO
Vxoutl
Vxin =Vxinh,Ixout =0,FO=0 (logic input)
VSS -- 0.1
VSS +0.3
V
Vxouth
Vxin =Vxinl,Ixout =0,FO=0 (logic input)
CVDD -- 0.3
CVDD +0.1
V
Vinl
When used for logic level input, oscillator enabled
--0.3
0.2 * VO
V
Vinh
When used for logic level input, oscillator enabled
0.8 * VO
DVDD +0.3
V
Vxinh
When used for logic level input, oscillator disabled
0.7 * DVDD
DVDD +0.3
V
Cxout
XOUT internal load capacitance
2
3
5
pF
Cxin
XIN internal load capacitance
2
3
5
pF
td(XIN-H1)
Delay time, XIN to H1 x1 and x0.5 modes
2
5.5
8
ns
Iinl
Input current, feedback enabled, Vil =0
50
μA
Iinh
Input current, feedback enabled, Vil =Vih
--50
μA
† This circuit is intended for series resonant fundamental mode operation.
‡ Signal amplitude is dependent on the crystal and load used.
XOUT
XIN
C1
C2
Crystal
Rfbk
Rd
VO
CXIN
CXOUT
ROUT
To internal
clock generator
NOTE A: SeeTable2for valueofRd.
Figure 16. On-Chip Oscillator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com