Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC33 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments TMS320VC33 Datasheet HTML 25Page - Texas Instruments TMS320VC33 Datasheet HTML 26Page - Texas Instruments TMS320VC33 Datasheet HTML 27Page - Texas Instruments TMS320VC33 Datasheet HTML 28Page - Texas Instruments TMS320VC33 Datasheet HTML 29Page - Texas Instruments TMS320VC33 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
26
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)†
PARAMETER
TEST CONDITIONS‡
MIN
TYP§
MAX
UNIT
VOH
High-level output voltage
DVDD =MIN, IOH =MAX
2.4
V
VOL
Low-level output voltage
DVDD =MIN, IOL =MAX
0.4
V
IZ
High-impedance current
DVDD =MAX
-- 5
+5
μA
II
Input current
VI =VSS to DVDD
-- 5
+5
μA
IIPU
Input current (with internal pullup)
Inputs with internal pullups¶
-- 600
10
μA
IIPD
Input current (with internal pulldown)
Inputs with internal pulldowns¶
600
-- 10
μA
IBKU
Input current (with bus keeper) pullup#
Bus keeper opposes until conditions match
-- 600
10
μA
IBKD
Input current (with bus keeper) pulldown#
600
-- 10
μA
I
Supply current pins||k
TC =25°C,
fx =60MHz
VC33-120
20
120
mA
IDDD
Supply current, pins||k
TC = 25 C,
DVDD =MAX
fx =75MHz
VC33-150
25
150
mA
I
Supply current core CPU||k
TC =25°C,
fx =60MHz
VC33-120
50
80
mA
IDDC
Supply current, core CPU||k
TC = 25 C,
CVDD =MAX
fx =75MHz
VC33-150
60
100
mA
PLL enabled, oscillator enabled
2
mA
IDD
IDLE2, Supply current, IDDD plus IDDC
PLL disabled, oscillator enabled
500
A
IDD
IDLE2, Supply current, IDDD plus IDDC
PLL disabled, oscillator disabled, FCLK = 0
100
μA
C
Input capacitance
All inputs except XIN
10
pF
Ci
Input capacitance
XIN
10
pF
Co
Output capacitance
10
pF
† All voltage values are with respect to VSS.
‡ For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
§ For VC33, all typical values are at DVDD =3.3,CVDD =1.8 V, TC (case temperature) = 25°C.
¶ Pins with internal pullup devices: TDI, TCK, and TMS. Pin with internal pulldown device: TRST.
# Pins D0--D31 include internal bus keepers that maintain valid logic levels when the bus is not driven (see Figure 9).
|| Actual operating current is less than this maximum value. This value was obtained under specially produced worst-case test conditions, which
are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern at the
maximum rate possible. See TMS320C3x General-Purpose Applications User’s Guide (literature number SPRU194).
k
fx is the PLL output clock frequency.
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50 Ω
Where:
IOL
= 4 mA (all outputs) for DC levels test.
IO and IOH are adjusted during AC timing analysis to achieve an AC termination of 50 Ω
VLOAD =DVDD/2
CT
= 40-pF typical load-circuit capacitance
Figure 15. Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com