Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 16Page - Texas Instruments TPA2012D2 Datasheet HTML 17Page - Texas Instruments TPA2012D2 Datasheet HTML 18Page - Texas Instruments TPA2012D2 Datasheet HTML 19Page - Texas Instruments TPA2012D2 Datasheet HTML 20Page - Texas Instruments TPA2012D2 Datasheet HTML 21Page - Texas Instruments TPA2012D2 Datasheet HTML 22Page - Texas Instruments TPA2012D2 Datasheet HTML 23Page - Texas Instruments TPA2012D2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
InputSignal
Amplitue(Vrms)
GaindB
Attacktime
Releasetime
Timereset
Timeend
Holdtime
time
Holdtimernotusedafter
firstgainincrease
20
TPA2026D2
SLOS649B – MARCH 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Successive gain decreases are never faster than the attack time. Successive gain increases are never faster
than the release time.
All time variables (attack, release, and hold) start counting after each gain change performed by the AGC. The
AGC is allowed to decrease the gain (attack) only after the attack time finishes. The AGC is allowed to increase
the gain (release) only after the release time finishes counting. However, if the preceding gain change was an
attack (gain increase) and the hold time is enabled and longer than the release time, then the gain is only
increased after the hold time.
The hold time is only enabled after a gain decrease (attack). The hold time replaces the release time after a gain
decrease (attack). If the gain needs to be increased further, then the release time is used. The release time is
used instead of the hold time if the hold time is disabled.
The attack time must be at least 100 times shorter than the release and hold time. The hold time must be the
same or greater than the release time. It is important to select reasonable values for those variables in order to
prevent the gain from changing too often or too slow.
Figure 41 illustrates the relationship between the three time variables.
Figure 41. Time Diagram Showing the Relation Between the Attack, Release, and Hold Time vs Input
Signal Amplitude and Gain
Figure 42 shows a state diagram of the input signal amplitude versus the output signal amplitude and a summary
of how the variables from Table 2 described in the preceding pages affect them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com