Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 24Page - Texas Instruments TPA2012D2 Datasheet HTML 25Page - Texas Instruments TPA2012D2 Datasheet HTML 26Page - Texas Instruments TPA2012D2 Datasheet HTML 27Page - Texas Instruments TPA2012D2 Datasheet HTML 28Page - Texas Instruments TPA2012D2 Datasheet HTML 29Page - Texas Instruments TPA2012D2 Datasheet HTML 30Page - Texas Instruments TPA2012D2 Datasheet HTML 31Page - Texas Instruments TPA2012D2 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
28
TPA2026D2
SLOS649B – MARCH 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.6.5 AGC Fixed Gain Control (Address: 5)
Table 10. AGC Fixed Gain Control (Address: 5)
REGISTER
ADDRESS
I2C BIT
LABEL
DEFAULT
DESCRIPTION
05 (05H) –
AGC Fixed
Gain Control
7:6
Unused
00
5:0
Fixed Gain
000110 (6 dB)
Sets the fixed gain of the amplifier: two's complement
Gain
100100
–28 dB
100101
–27 dB
100110
–26 dB
(gain increases by 1 dB with every step)
111101
–3 dB
111110
–2 dB
111111
–1 dB
000000
0 dB
000001
1 dB
000010
2 dB
000011
3 dB
(gain increases by 1dB with every step)
011100
28 dB
011101
29 dB
011110
30 dB
Fixed Gain
These bits are used to select the fixed gain of the amplifier. If compression is enabled, fixed
gain is adjustable from –28 dB to 30 dB. If compression is disabled, fixed gain is adjustable
from 0 dB to 30 dB.
9.6.6 AGC Control (Address: 6)
Table 11. AGC Control (Address: 6)
REGISTER
ADDRESS
I2C BIT
LABEL
DEFAULT
DESCRIPTION
06 (06H) –
AGC Control
7
Output Limiter
Disable
0 (enable)
Disables the output limiter function. Can only be disabled when the AGC compression
ratio is 1:1 (off)
6:5
NoiseGate
Threshold
01 (4 mVrms)
Select the threshold of the noise gate
Threshold
00
1 mVrms
01
4 mVrms
10
10 mVrms
11
20 mVrms
4:0
Output Limiter
Level
11010 (6.5 dBV)
Selects the output limiter level
Output Power (Wrms)
Peak Output Voltage
(Vp)
dBV
00000
0.03
0.67
–6.5
00001
0.03
0.71
–6
00010
0.04
0.75
–5.5
(Limiter level increases by 0.5dB with every step)
11101
0.79
3.55
8
11110
0.88
3.76
8.5
11111
0.99
3.99
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com