Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 17Page - Texas Instruments TPA2012D2 Datasheet HTML 18Page - Texas Instruments TPA2012D2 Datasheet HTML 19Page - Texas Instruments TPA2012D2 Datasheet HTML 20Page - Texas Instruments TPA2012D2 Datasheet HTML 21Page - Texas Instruments TPA2012D2 Datasheet HTML 22Page - Texas Instruments TPA2012D2 Datasheet HTML 23Page - Texas Instruments TPA2012D2 Datasheet HTML 24Page - Texas Instruments TPA2012D2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
2:1
Maximum
Gain
Fixed
Gain
Limiter
Level
Co
mp
res
sio
n R
eg
ion
4:1
8:1
10dBV
Rotation
Point
V
- dBV
IN
¥:1
21
TPA2026D2
www.ti.com
SLOS649B – MARCH 2010 – REVISED MAY 2016
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 42. Output Signal vs Input Signal State Diagram
9.3.2 Operation With DACS and CODECS
In using Class-D amplifiers with CODECs and DACs, sometimes there is an increase in the output noise floor
from the audio amplifier. This occurs when output frequencies of the CODEC/DAC mix with the Class-D
switching frequency and create sum or difference components in the audio band. The noise increase can be
solved by placing an RC low-pass filter between the CODEC/DAC and audio amplifier. The filter reduces high
frequencies that cause the problem and allows proper performance.
If driving the TPA2016D2 input with 4th-order or higher
ΔΣ DACs or CODECs, add an RC low-pass filter at each
of the audio inputs (IN+ and IN–) of the TPA2016D2 to ensure best performance. The recommended resistor
value is 100
Ω and the capacitor value of 47 nF.
9.3.3 Short-Circuit Auto-Recovery
When a short-circuit event happens, the TPA2026D2 goes to low duty cycle mode and tries to reactivate itself
every 110 µs. This auto-recovery continues until the short-circuit event stops. This feature can protect the device
without affecting the device's long-term reliability. FAULT bit (register 1, bit 3) still requires a write to clear.
9.3.4 Filter-Free Operation and Ferrite Bead Filters
A ferrite bead filter can often be used if the design is failing radiated emissions without an LC filter and the
frequency-sensitive circuit is greater than 1 MHz. This filter functions well for circuits that just have to pass FCC
and CE because FCC and CE only test radiated emissions greater than 30 MHz. When choosing a ferrite bead,
choose one with high impedance at high frequencies, and low impedance at low frequencies. In addition, select a
ferrite bead with adequate current rating to prevent distortion of the output signal.
Use an LC output filter if there are low frequency (< 1 MHz) EMI-sensitive circuits or there are long leads from
amplifier to speaker. Figure 43 shows typical ferrite bead and LC output filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com