Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 3Page - Texas Instruments TPA2012D2 Datasheet HTML 4Page - Texas Instruments TPA2012D2 Datasheet HTML 5Page - Texas Instruments TPA2012D2 Datasheet HTML 6Page - Texas Instruments TPA2012D2 Datasheet HTML 7Page - Texas Instruments TPA2012D2 Datasheet HTML 8Page - Texas Instruments TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
VDD − Supply Voltage − V
0
2
4
6
8
10
2.5
3.5
4.5
5.5
G001
VDD − Supply Voltage − V
0
20
40
60
80
100
2.5
3.5
4.5
5.5
G002
SDZ = 0 V
SDZ = VDD, SWS = 1
7
TPA2026D2
www.ti.com
SLOS649B – MARCH 2010 – REVISED MAY 2016
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
with C(DECOUPLE) = 1 μF, CI = 1 µF. All THD + N graphs are taken with outputs out of phase (unless otherwise noted). All data
is taken on left channel.
Table 1. Table of Graphs
FIGURE
Quiescent supply current
vs Supply voltage
Figure 3
Supply current
vs Supply voltage in shutdown
Figure 4
Output level
vs Input level
Figure 5
Output level
vs Input level
Figure 6
Output level
vs Input level
Figure 7
Output level
vs Input level
Figure 8
Output level
vs Input level
Figure 9
Supply ripple rejection ratio
vs Frequency, 8
Ω
Figure 10
Total harmonic distortion + noise
vs Frequency VSUPPLY = 2.5 V, 4 Ω
Figure 11
Total harmonic distortion + noise
vs Frequency VSUPPLY = 2.5 V, 8 Ω
Figure 12
Total harmonic distortion + noise
vs Frequency VSUPPLY = 3.6 V, 4 Ω
Figure 13
Total harmonic distortion + noise
vs Frequency VSUPPLY = 3.6 V, 8 Ω
Figure 14
Total harmonic distortion + noise
vs Frequency VSUPPLY = 5 V, 4 Ω
Figure 15
Total harmonic distortion + noise
vs Frequency VSUPPLY = 5 V, 8 Ω
Figure 16
Total harmonic distortion + noise
vs Output power, 4
Ω
Figure 17
Total harmonic distortion + noise
vs Output power, 8
Ω
Figure 18
Efficiency
vs Output power (per channel), 4
Ω
Figure 19
Efficiency
vs Output power (per channel), 8
Ω
Figure 20
Total power dissipation
vs Total output power, 4
Ω
Figure 21
Total power dissipation
vs Total output power, 8
Ω
Figure 22
Total supply current
vs Total output power, 4
Ω
Figure 23
Total supply current
vs Total output power, 8
Ω
Figure 24
Output power
vs Supply voltage, 4
Ω
Figure 25
Output power
vs Supply voltage, 8
Ω
Figure 26
TPA2026D2
vs TPA2016D2 Start-up gain ramp
Figure 27
TPA2026D2
vs TPA2016D2 Shutdown gain ramp
Figure 28
Shutdown time
Figure 29
Start-up time
Figure 30
Figure 3. Quiescent Supply Current vs Supply Voltage
Figure 4. Supply Current Vs Supply Voltage in Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com