Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2012D2 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA2012D2
Description  TPA2026D2 3.2-W/Ch Stereo Class-D Audio Amplifier With Fast Gain Ramp SmartGain™ Automatic Gain Control and Dynamic Range Compression
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2012D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2012D2 Datasheet HTML 9Page - Texas Instruments TPA2012D2 Datasheet HTML 10Page - Texas Instruments TPA2012D2 Datasheet HTML 11Page - Texas Instruments TPA2012D2 Datasheet HTML 12Page - Texas Instruments TPA2012D2 Datasheet HTML 13Page - Texas Instruments TPA2012D2 Datasheet HTML 14Page - Texas Instruments TPA2012D2 Datasheet HTML 15Page - Texas Instruments TPA2012D2 Datasheet HTML 16Page - Texas Instruments TPA2012D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
I
2
C Interface
& Control
INL+
INL-
SDA
OUTL+
OUTL-
SDZ
INR+
INR-
SCL
Class-D
Modulator
Volume
Control
Differential
Input Left
C IN
1uF
Differential
Input Right
C IN
1uF
I
2
C Interface
IC shutdown
Power
Stage
AGC
Reference
Volume
Control
Power
Stage
OUTR+
OUTR-
AGND
PGND
Bias and
References
AVDD
PVDDR
PVDDL
AGC
Class-D
Modulator
Copyright © 2016, Texas Instruments Incorporated
13
TPA2026D2
www.ti.com
SLOS649B – MARCH 2010 – REVISED MAY 2016
Product Folder Links: TPA2026D2
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPA2026D2 is a stereo Class-D audio power amplifier capable of driving 750 mW/Ch into 8-
Ω load at 3.6 V
and 3.2 W/Ch into 4-
Ω load at 5 V. The device features independent software shutdown controls for each
channel and also provides thermal and short-circuit protection. In addition to these features, a fast start-up time
and small package size make the TPA2026D2 an ideal choice for cellular handsets, PDAs, and other portable
applications.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Automatic Gain Control
The Automatic Gain Control (AGC) feature provides continuous automatic gain adjustment to the amplifier
through an internal PGA. This feature enhances the perceived audio loudness and at the same time prevents
speaker damage from occurring (Limiter function).
The AGC function attempts to maintain the audio signal gain as selected by the user through the Fixed Gain,
Limiter Level, and Compression Ratio variables. Other advanced features included are Maximum Gain and Noise
Gate Threshold. Table 2 describes the function of each variable in the AGC function.
Table 2. TPA2026D2 AGC Variable Descriptions
VARIABLE
DESCRIPTION
Maximum Gain
The gain at the lower end of the compression region.
Fixed Gain
The normal gain of the device when the AGC is inactive.
The fixed gain is also the initial gain when the device comes out of shutdown mode or when the AGC is
disabled.
Limiter Level
The value that sets the maximum allowed output amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com