Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS73033DBVT
Description  TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments TPS73033DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
0
20
40
60
80
100
120
140
160
180
−40 −25 −10 5
20 35
50 65
80
95 110 125
IOUT = 200 mA
IOUT = 10 mA
VIN = 2.7 V
COUT = 10 F
m
TJ (°C)
60
50
40
30
20
10
0
0.001
0.01
0.1
C
( F)
m
NR
BW = 100 Hz to 100 kHz
V
= 2.8 V
I
= 200 mA
C
= 10
F
OUT
OUT
OUT
m
0
50
100
150
200
250
−40 −25 −10 5
20 35
50 65
80
95 110 125
TJ (°C)
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 F
m
IOUT = 200 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
1 k
10 k
100 k
Frequency (Hz)
VIN = 3.8 V
IOUT = 200 mA
COUT = 10 F
m
CNR = 0.1 F
m
CNR = 0.001 F
m
CNR = 0.0047 F
m
CNR = 0.01 F
m
2.795
2.796
2.797
2.798
2.799
2.800
2.801
2.802
2.803
2.804
2.805
0
50
100
150
200
IOUT (mA)
VIN = 3.8 V
COUT = 10 F
m
TJ = 25 C
°
2.775
2.780
2.785
2.790
2.795
2.800
2.805
−40 −25 −10 5
20 35
50 65
80 95 110 125
TJ (°C)
IOUT = 200 mA
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 F
m
TPS730
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
www.ti.com
6.6 Typical Characteristics
Over recommended operating temperature range TJ = –40°C to +125°C, VEN = VIN, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, COUT =
10
μF, CNR = 0.01 μF, VOUT(nom) = 2.8 V (unless otherwise noted). Typical values are at TJ = 25°C.
Figure 1. TPS73028 Output Voltage vs Output Current
Figure 2. TPS73028 Output Voltage vs Junction
Temperature
Figure 3. TPS73028 Ground Current vs Junction
Figure 4. TPS73028 Output Spectral Noise Density vs
Temperature
Frequency
Figure 5. Root Mean Square Output Noise vs CNR
Figure 6. TPS73028 Dropout Voltage vs Junction
Temperature
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com