Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS73033DBVT
Description  TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73033DBVT Datasheet HTML 9Page - Texas Instruments TPS73033DBVT Datasheet HTML 10Page - Texas Instruments TPS73033DBVT Datasheet HTML 11Page - Texas Instruments TPS73033DBVT Datasheet HTML 12Page - Texas Instruments TPS73033DBVT Datasheet HTML 13Page - Texas Instruments TPS73033DBVT Datasheet HTML 14Page - Texas Instruments TPS73033DBVT Datasheet HTML 15Page - Texas Instruments TPS73033DBVT Datasheet HTML 16Page - Texas Instruments TPS73033DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
3
Time (ms)
0
60
40
20
80 100
140
120
160 180 200
VIN = 3.8 V
VOUT = 2.8 V
IOUT = 200 mA
COUT = 2.2 F
m
TJ = 25 C
°
1
2
0
0
2
CNR = 0.0047 F
m
CNR = 0.01 F
m
4
CNR = 0.001 F
m
Time (ms)
0
30
20
10
40
50
70
60
80
90 100
IOUT = 200 mA
COUT = 2.2 F
m
CNR = 0.01 F
m
0
-20
3.8
dv
dt
0.4 V
ms
20
4.8
=
TPS730xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
V
IN
V
OUT
2.2
µF
0.01
µF(1)
0.1
µF
NOTE: (1) This capacitor is optional.
TPS730
www.ti.com
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
8.2 Typical Application
A typical application circuit is shown in Figure 18.
Figure 18. Typical Application Circuit
8.2.1 Design Requirements
Table 3 lists the design requirements.
Table 3. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
4.2 V to 3 V (Lithium Ion battery)
Output voltage
1.8 V, ±1%
DC output current
10 mA
Peak output current
75 mA
Maximum ambient temperature
65°C
8.2.2 Detailed Design Procedure
Pick the desired output voltage option. An input capacitor of 0.1 µF is used as the battery is connected to the
input through a via and a short 10-mil (0.01-in) trace. An output capacitor of 10 µF is used to provide optimal
response time for the load transient. Verify that the maximum junction temperature is not exceed by referring to
Figure 24.
8.2.3 Application Curves
Figure 19. TPS73028 Output Voltage, Enable Voltage vs
Figure 20. TPS73028 Line Transient Response
Time (Start-Up)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com