Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS73033DBVT
Description  TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73033DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73033DBVT Datasheet HTML 1Page - Texas Instruments TPS73033DBVT Datasheet HTML 2Page - Texas Instruments TPS73033DBVT Datasheet HTML 3Page - Texas Instruments TPS73033DBVT Datasheet HTML 4Page - Texas Instruments TPS73033DBVT Datasheet HTML 5Page - Texas Instruments TPS73033DBVT Datasheet HTML 6Page - Texas Instruments TPS73033DBVT Datasheet HTML 7Page - Texas Instruments TPS73033DBVT Datasheet HTML 8Page - Texas Instruments TPS73033DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 F
m
CNR = 0.01 F
m
IOUT = 200 mA
20
30
60
70
90
100
TPS730xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
V
IN
V
OUT
2.2
µF
0.01
µF(1)
0.1
µF
NOTE: (1) This capacitor is optional.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS730
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
1 Features
3 Description
The TPS730 family of low-dropout (LDO) low-power
1
•
200-mA RF Low-Dropout Regulator
linear voltage regulators features high power-supply
With Enable
rejection ratio (PSRR), low noise, fast start-up, and
•
Available in Fixed Voltages from 1.8 V to 3.3 V
excellent line and load transient responses in a small
and Adjustable Voltages (1.22 V to 5.5 V)
SOT-23 package. NanoStar™ packaging gives an
ultrasmall footprint as well as an ultralow profile and
•
High PSRR (68 dB at 100 Hz)
package
weight,
making
it
ideal
for
portable
•
Low Noise (33
μVRMS, TPS73018)
applications such as handsets and PDAs. Each
•
Fast Start-Up Time (50
μs)
device in the family is stable, with a small, 2.2-
μF
•
Stable With a 2.2-
μF Ceramic Capacitor
ceramic capacitor on the output. The TPS730 family
uses an advanced, proprietary BiCMOS fabrication
•
Excellent Load/Line Transient Response
process to yield low dropout voltages (for example,
•
Very Low Dropout Voltage (120 mV at 200 mA)
120 mV at 200 mA, TPS73030). Each device
•
5- and 6-Pin SOT-23 (DBV), and Wafer Chip
achieves fast start-up times (approximately 50
μs with
Scale (YZQ) Packages
a 0.001-
μF bypass capacitor) while consuming low
quiescent current (170
μA typical). Moreover, when
the device is placed in standby mode, the supply
2 Applications
current is reduced to less than 1
μA. The TPS73018
•
RF: VCOs, Receivers, ADCs
exhibits approximately 33
μVRMS of output voltage
•
Audio
noise at 1.8 V output with a 0.01-
μF bypass
capacitor. Applications with analog components that
•
Cellular and Cordless Telephones
are noise-sensitive, such as portable RF electronics,
•
Bluetooth®, Wireless LAN
benefit from the high PSRR and low-noise features
•
Handheld Organizers, PDAs
as well as the fast response time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
TPS730
SOT-23 (6)
2.90 mm × 1.60 mm
DSBGA (5)
1.35 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Ripple Rejection vs Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS73033DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033DBVT TI-TPS73033DBVT Datasheet
271Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVT TI-TPS73033DBVT Datasheet
385Kb / 15P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVT TI-TPS73033DBVT Datasheet
318Kb / 16P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVT TI1-TPS73033DBVT Datasheet
1Mb / 31P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73033DBVT TI2-TPS73033DBVT Datasheet
3Mb / 43P
TPS730 Low-Noise, High PSRR, RF, 200mA, Low-Dropout Linear Regulator
REVISED JUNE 2025
More results

Similar Description - TPS73033DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com