Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9544APW
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544APW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9544APW Datasheet HTML 12Page - NXP Semiconductors PCA9544APW Datasheet HTML 13Page - NXP Semiconductors PCA9544APW Datasheet HTML 14Page - NXP Semiconductors PCA9544APW Datasheet HTML 15Page - NXP Semiconductors PCA9544APW Datasheet HTML 16Page - NXP Semiconductors PCA9544APW Datasheet HTML 17Page - NXP Semiconductors PCA9544APW Datasheet HTML 18Page - NXP Semiconductors PCA9544APW Datasheet HTML 19Page - NXP Semiconductors PCA9544APW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
16 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
12. Dynamic characteristics
[1]
Pass gate propagation delay is calculated from the 20
 typical R
on and the 15 pF load capacitance.
[2]
After this period, the first clock pulse is generated.
[3]
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
[4]
Cb = total capacitance of one bus line in pF.
[5]
Measurements taken with 1 k
 pull-up resistor and 50 pF load.
Table 10.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
tPD
propagation delay
from SDA to SDx,
or SCL to SCx
-0.3[1]
-0.3[1]
ns
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
s
tHD;STA
hold time (repeated) START
condition
[2]
4.0
-
0.6
-
s
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
s
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
s
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
s
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
s
tHD;DAT
data hold time
0[3]
3.45
0[3]
0.9
s
tSU;DAT
data set-up time
250
-
100
-
ns
tr
rise time of both SDA and SCL
signals
-
1000
20 + 0.1Cb[4]
300
ns
tf
fall time of both SDA and SCL
signals
-300
20 + 0.1Cb[4]
300
ns
Cb
capacitive load for each bus line
-
400
-
400
pF
tSP
pulse width of spikes that must be
suppressed by the input filter
-50
-
50
ns
tVD;DAT
data valid time
HIGH-to-LOW
[5]
-1
-
1
s
LOW-to-HIGH
[5]
-0.6
-
0.6
s
tVD;ACK
data valid acknowledge time
-
1
-
1
s
INT
tv(INTnN-INTN) valid time from INTn to INT signal
[5]
-4
-
4
s
td(INTnN-INTN) delay time from INTn to INT inactive
[5]
-2
-
2
s
tw(rej)L
LOW-level rejection time
INTn inputs
[5]
1-
1
-
s
tw(rej)H
HIGH-level rejection time
INTn inputs
[5]
0.5
-
0.5
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com