Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9544APW
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544APW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9544APW Datasheet HTML 1Page - NXP Semiconductors PCA9544APW Datasheet HTML 2Page - NXP Semiconductors PCA9544APW Datasheet HTML 3Page - NXP Semiconductors PCA9544APW Datasheet HTML 4Page - NXP Semiconductors PCA9544APW Datasheet HTML 5Page - NXP Semiconductors PCA9544APW Datasheet HTML 6Page - NXP Semiconductors PCA9544APW Datasheet HTML 7Page - NXP Semiconductors PCA9544APW Datasheet HTML 8Page - NXP Semiconductors PCA9544APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
5 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
5.2 Pin description
[1]
HVQFN20 package supply ground is connected to both VSS pin and exposed center pad. VSS pin must be
connected to supply ground for proper device operation. For enhanced thermal, electrical, and board level
performance, the exposed pad must be soldered to the board using a corresponding thermal pad on the
board and for proper heat conduction through the board, thermal vias must be incorporated in the PCB in
the thermal pad region.
Table 3.
Pin description
Symbol
Pin
Description
SO20, TSSOP20
HVQFN20
A0
1
19
address input 0
A1
2
20
address input 1
A2
3
1
address input 2
INT0
4
2
active LOW interrupt input 0
SD0
5
3
serial data 0
SC0
6
4
serial clock 0
INT1
7
5
active LOW interrupt input 1
SD1
8
6
serial data 1
SC1
9
7
serial clock 1
VSS
10
8[1]
supply ground
INT2
11
9
active LOW interrupt input 2
SD2
12
10
serial data 2
SC2
13
11
serial clock 2
INT3
14
12
active LOW interrupt input 3
SD3
15
13
serial data 3
SC3
16
14
serial clock 3
INT
17
15
active LOW interrupt output
SCL
18
16
serial clock line
SDA
19
17
serial data line
VDD
20
18
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com