Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9544APW
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9544APW Datasheet HTML 4Page - NXP Semiconductors PCA9544APW Datasheet HTML 5Page - NXP Semiconductors PCA9544APW Datasheet HTML 6Page - NXP Semiconductors PCA9544APW Datasheet HTML 7Page - NXP Semiconductors PCA9544APW Datasheet HTML 8Page - NXP Semiconductors PCA9544APW Datasheet HTML 9Page - NXP Semiconductors PCA9544APW Datasheet HTML 10Page - NXP Semiconductors PCA9544APW Datasheet HTML 11Page - NXP Semiconductors PCA9544APW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
8 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
6.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9544A in
a reset condition until VDD has reached VPOR. At this point, the reset condition is released
and the PCA9544A registers and I2C-bus state machine are initialized to their default
states (all zeroes), causing all the channels to be deselected. Thereafter, VDD must be
lowered below 0.2 V for at least 5
s in order to reset the device.
6.5 Voltage translation
The pass gate transistors of the PCA9544A are constructed such that the VDD voltage can
be used to limit the maximum voltage that is passed from one I2C-bus to another.
Figure 7 shows the voltage characteristics of the pass gate transistors (note that the graph
was generated using the data specified in Section 12 “Dynamic characteristics” of this
data sheet). In order for the PCA9544A to act as a voltage translator, the Vo(sw) voltage
should be equal to, or lower than the lowest bus voltage. For example, if the main bus was
running at 5 V, and the downstream buses were 3.3 V and 2.7 V, then Vo(sw) should be
equal to or below 2.7 V to effectively clamp the downstream bus voltages. Looking at
Figure 7, we see that Vo(sw)(max) is at 2.7 V when the PCA9544A supply voltage is 3.5 V or
lower so the PCA9544A supply voltage could be set to 3.3 V. Pull-up resistors can then be
used to bring the bus voltages to their appropriate levels (see Figure 14).
More Information can be found in Application Note AN262, PCA954X family of I2C/SMBus
multiplexers and switches.
(1) maximum
(2) typical
(3) minimum
Fig 7.
Pass gate voltage versus supply voltage
VDD (V)
2.0
5.5
4.5
3.0
4.0
002aaa964
3.0
2.0
4.0
5.0
Vo(sw)
(V)
1.0
3.5
5.0
2.5
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com