Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9544APW
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544APW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9544APW Datasheet HTML 1Page - NXP Semiconductors PCA9544APW Datasheet HTML 2Page - NXP Semiconductors PCA9544APW Datasheet HTML 3Page - NXP Semiconductors PCA9544APW Datasheet HTML 4Page - NXP Semiconductors PCA9544APW Datasheet HTML 5Page - NXP Semiconductors PCA9544APW Datasheet HTML 6Page - NXP Semiconductors PCA9544APW Datasheet HTML 7Page - NXP Semiconductors PCA9544APW Datasheet HTML 8Page - NXP Semiconductors PCA9544APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
2 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA9544ABS
9544A
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 5
 5  0.85 mm
SOT662-1
PCA9544AD
PCA9544AD
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
PCA9544APW
PA9544A
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature range
PCA9544ABS
PCA9544ABS,118
HVQFN20
Reel 13” Q1/T1
*Standard mark SMD
6000
Tamb = 40 C to +85 C
PCA9544AD
PCA9544AD,112
SO20
Standard marking
* IC’s tube - DSC bulk pack
1520
Tamb = 40 C to +85 C
PCA9544AD,118
SO20
Reel 13” Q1/T1
*Standard mark SMD
2000
Tamb = 40 C to +85 C
PCA9544APW
PCA9544APW,112
TSSOP20
Standard marking
* IC’s tube - DSC bulk pack
1875
Tamb = 40 C to +85 C
PCA9544APW,118
TSSOP20
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com