Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9544APW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9544APW
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9544APW Datasheet HTML 3Page - NXP Semiconductors PCA9544APW Datasheet HTML 4Page - NXP Semiconductors PCA9544APW Datasheet HTML 5Page - NXP Semiconductors PCA9544APW Datasheet HTML 6Page - NXP Semiconductors PCA9544APW Datasheet HTML 7Page - NXP Semiconductors PCA9544APW Datasheet HTML 8Page - NXP Semiconductors PCA9544APW Datasheet HTML 9Page - NXP Semiconductors PCA9544APW Datasheet HTML 10Page - NXP Semiconductors PCA9544APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
PCA9544A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 April 2014
7 of 31
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
6.3 Interrupt handling
The PCA9544A provides 4 interrupt inputs, one for each channel and one open-drain
interrupt output. When an interrupt is generated by any device, it is detected by the
PCA9544A and the interrupt output is driven LOW. The channel need not be active for
detection of the interrupt. A bit is also set in the control byte. Bits 7:4 of the control byte
correspond to channel 3 to channel 0 of the PCA9544A, respectively. Therefore, if an
interrupt is generated by any device connected to channel 2, the state of the interrupt
inputs is loaded into the control register when a read is accomplished. Likewise, an
interrupt on any device connected to channel 0 would cause bit 4 of the control register to
be set on the read. The master can then address the PCA9544A and read the contents of
the control byte to determine which channel contains the device generating the interrupt.
The master can then reconfigure the PCA9544A to select this channel, and locate the
device generating the interrupt and clear it. The interrupt clears when the device
originating the interrupt clears.
It should be noted that more than one device can be providing an interrupt on a channel,
so it is up to the master to ensure that all devices on a channel are interrogated for an
interrupt.
If the interrupt function is not required, the interrupt inputs may be used as
general-purpose inputs.
If unused, interrupt inputs must be connected to VDD through a pull-up resistor.
Remark: Several interrupts can be active at the same time. For example: INT3 = 0,
INT2 = 1, INT1 = 1, INT0 = 0, means that there is no interrupt on channel 0 and
channel 3, and there is an interrupt on channel 1 and on channel 2.
Table 4.
Control register: Write — channel selection; Read — channel status
INT3
INT2
INT1
INT0
D3
B2
B1
B0
Command
X
X
X
X
X
0
X
X
no channel selected
X
X
X
X
X
1
0
0
channel 0 enabled
X
X
X
X
X
1
0
1
channel 1 enabled
X
X
X
X
X
1
1
0
channel 2 enabled
X
X
X
X
X
1
1
1
channel 3 enabled
0
0
0
0
0
0
0
0
no channel selected;
power-up default state
Table 5.
Control register read — interrupt
INT3
INT2
INT1
INT0
D3
B2
B1
B0
Command
XX
X
0
XX
XX
no interrupt on channel 0
1
interrupt on channel 0
XX
0
XX
XX
X
no interrupt on channel 1
1
interrupt on channel 1
X
0
XX
XX
XX
no interrupt on channel 2
1
interrupt on channel 2
0
XX
XX
XX
X
no interrupt on channel 3
1
interrupt on channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com