Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWRG4 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWRG4
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC2262CPWRG4 Datasheet HTML 28Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 29Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 30Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 31Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 32Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 33Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 34Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 35Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
0
0.5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
1
– 0.5
– 1
– 1
0
1
234
5
VIC – Common-Mode Input Voltage – V
VDD = 5 V
RS = 50 Ω
TA = 25°C
† For curves where VDD = 5 V, all loads are referenced to 2.5 V.
Figure 7
0
0.5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
1
– 0.5
– 1
– 6 – 5
– 4 – 3 – 2
– 10
1
2
3
4
5
VIC – Common-Mode Input Voltage – V
VDD
± = ±5 V
RS = 50 Ω
TA = 25°C
15
10
5
0
20
25
DISTRIBUTION OF TLC2262 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT †
30
– 5
– 4
– 3
– 2
– 10
1
2
3
4
5
128 Amplifiers From 2 Wafer Lots
VDD
± = ± 2.5 V
P Package
TA = 25°C to 125°C
α
VIO – Temperature Coefficient – µV/ °C
Figure 8
15
10
5
0
20
25
DISTRIBUTION OF TLC2262 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT †
30
– 5
– 4
– 3
– 2
– 10
1
2
3
4
5
α
VIO – Temperature Coefficient – µV/ °C
128 Amplifiers From 2 Wafer Lots
VDD
± = ± 5 V
P Package
TA = 25°C to 125°C
Figure 9
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com