Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWRG4 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWRG4
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWRG4 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLC2262CPWRG4 Datasheet HTML 37Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 38Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 39Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 40Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 41Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 42Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 43Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 44Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 40
600
400
200
0
800
1000
1200
– 50
– 25
0 25
50
75
100
125
TA – Free-Air Temperature – °C
VDD
± = ±5 V
VO = 0
VDD = 5 V
VO = 2.5 V
– 75
TLC2264
SUPPLY CURRENT †‡
vs
FREE-AIR TEMPERATURE
0.8
0.4
0.2
0
1
0.6
SLEW RATE‡
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
101
102
103
104
SR +
VDD = 5 V
AV = – 1
TA = 25°C
SR –
Figure 41
Figure 42
0.6
0.4
0.2
0
0.8
1
SLEW RATE†‡
vs
FREE-AIR TEMPERATURE
1.2
– 75
– 50 – 25
0
25
50
75
100
TA – Free-Air Temperature – °C
VDD = 5 V
RL = 50 kΩ
CL = 100 pF
AV = 1
125
SR +
SR –
Figure 43
2
1
0
0
2
4
6
8
10
12
3
4
INVERTING LARGE-SIGNAL PULSE
RESPONSE‡
5
14
16
18
20
VDD = 5 V
RL = 50 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
t – Time –
µs
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com