Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWRG4 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWRG4
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWRG4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLC2262CPWRG4 Datasheet HTML 41Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 42Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 43Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 44Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 45Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 46Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 47Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 48Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 56
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
| VDD
± | – Supply Voltage – V
860
820
780
740
02
3
5
900
940
78
14
6
f = 10 kHz
RL = 50 kΩ
CL = 100 pF
TA = 25°C
Figure 57
GAIN-BANDWIDTH PRODUCT †‡
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
800
600
400
1000
1200
– 75
– 25
0
25
50
75
100
125
VDD = 5 V
f = 10 kHz
CL = 100 pF
– 50
Figure 58
PHASE MARGIN
vs
LOAD CAPACITANCE
101
10 2
10 3
10 4
CL – Load Capacitance – pF
75
°
60
°
45
°
30
°
15
°
0
°
Rnull = 50 Ω
Rnull = 100 Ω
Rnull = 0
Rnull = 10 Ω
TA = 25°C
50 k
Ω
50 k
Ω
VDD –
VDD +
Rnull
CL
VI
+
–
Rnull = 20 Ω
20
10
5
0
15
GAIN MARGIN
vs
LOAD CAPACITANCE
101
10 2
10 3
10 4
CL – Load Capacitance – pF
Rnull = 20 Ω
Rnull = 0
Rnull = 100 Ω
TA = 25°C
Rnull = 50 Ω
Rnull = 10 Ω
Figure 59
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com