Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWRG4 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWRG4
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWRG4 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLC2262CPWRG4 Datasheet HTML 44Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 45Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 46Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 47Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 48Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 49Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 50Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 51Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
driving large capacitive loads (continued)
∆Θ
m2 + tan
–1
UGBW
F
×P
2
– tan–1
UGBW
P
2
Where :
(3)
∆Θ
m2 + reduction in phase margin
UGBW
+ unity-gain bandwidth frequency
F
+ factor from equation 2
P
2 + unadjusted pole (70 MHz @10 pF, 7 MHz @100 pF, etc.)
Using these equations with Figure 60 and Figure 61 enables the designer to choose the appropriate output
series resistance to optimize the design of circuits driving large capacitive loads.
50 k
Ω
50 k
Ω
VDD – /GND
VDD +
Rnull
CL
VI
+
–
Figure 62. Series-Resistance Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com