Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2262CPWRG4 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2262CPWRG4
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2262CPWRG4 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC2262CPWRG4 Datasheet HTML 29Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 30Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 31Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 32Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 33Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 34Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 35Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 36Page - Texas Instruments TLC2262CPWRG4 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
DISTRIBUTION OF TLC2264 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT†
αVIO – Temperature Coefficient of
Input Offset Voltage –
µV/°C
10
5
30
0
20
15
25
35
– 5
– 4
– 3
– 2
– 10
1
2
3
4
5
128 Amplifiers From
2 Wafer Lots
VDD
± = ± 2.5 V
N Package
TA = 25°C to 125°C
DISTRIBUTION OF TLC2264 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT†
αVIO – Temperature Coefficient of
Input Offset Voltage –
µV/°C
10
5
30
0
20
15
25
35
– 5
– 4
– 3
– 2
– 10
1
2
3
4
5
128 Amplifiers From
2 Wafer Lots
VDD
± = ± 5 V
N Package
TA = 25°C
to 125
°C
Figure 11
0
50
100
150
200
250
300
350
400
450
25
45
65
85
105
125
Figure 12
INPUT BIAS AND INPUT OFFSET CURRENTS†
vs
FREE-AIR TEMPERATURE
IIB
IIO
VDD
± = ±2.5 V
VIC = 0 V
VO = 0
RS = 50 Ω
TA – Free-Air Temperature – °C
Figure 13
0
23
4
5
4
8
INPUT VOLTAGE RANGE
vs
SUPPLY VOLTAGE
10
67
8
6
2
– 2
– 4
– 6
– 8
– 10
| VIO | ≤ 5 mV
RS = 50 Ω
TA = 25°C
| VDD
± | – Supply Voltage – V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com