Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018K2M Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 12Page - ESS Technology,Inc ES9018K2M Datasheet HTML 13Page - ESS Technology,Inc ES9018K2M Datasheet HTML 14Page - ESS Technology,Inc ES9018K2M Datasheet HTML 15Page - ESS Technology,Inc ES9018K2M Datasheet HTML 16Page - ESS Technology,Inc ES9018K2M Datasheet HTML 17Page - ESS Technology,Inc ES9018K2M Datasheet HTML 18Page - ESS Technology,Inc ES9018K2M Datasheet HTML 19Page - ESS Technology,Inc ES9018K2M Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
16
Register #10: Master Mode Control
8 bit, Read-Write Register, Default = 0x5
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
master_clock_enable
clock_divider_select
sync_mode
stop_div
Default
0
0
0
0
0
1
0
1
Bit
Mnemonic
Description
[7]
master_clock_enable
1
’b0 disables master mode (default)
1
’b1 enables master mode (driving Bit clock and Frame Clock)
[6:5]
clock_divider_select
2
’b00: Bit Clock frequency = MCLK / 4 (default)
2
’b01: Bit Clock frequency = MCLK / 8
2b10: Bit Clock frequency = MCLK / 16
2
’b11: Bit Clock frequency = MCLK / 16
Frame Clock frequency = Bit Clock frequency / 64
[4]
sync_mode
1’b0 for normal operation of the DPLL and ASRC.
1’b1 to enable quick lock if the fs and MCLK are synchronous and MCLK is 128 x FSR
Note: quick lock can only be used in PCM normal mode.
[3:0]
stop_div
Sets the number of FSR edges that must occur before the DPLL and
ASRC can lock on to the incoming signal.
4
’d0 = 16384 FSR edges
4
’d1 = 8192 FSR edges
4
’d2 = 5461 FSR edges
4
’d3 = 4096 FSR edges
4
’d4 = 3276 FSR edges
4
’d5 = 2730 FSR edges (default)
4
’d6 = 2340 FSR edges
4
’d7 = 2048 FSR edges
4
’d8 = 1820 FSR edges
4
’d9 = 1638 FSR edges
4
’d10 = 1489 FSR edges
4
’d11 = 1365 FSR edges
4
’d12 = 1260 FSR edges
4
’d13 = 1170 FSR edges
4
’d14 = 1092 FSR edges
4
’d15 = 1024 FSR edges
For correct operation, master mode
should only be enabled when the DAC’s input mode is set to I2S, and when i2s_length is
set to 32-bit and i2s_mode is set to I2S in register 1.
When master mode is enabled, the DATA_CLK pin will output Bit Clock and the DATA1 pin will output Frame Clock at
frequencies specified by clock divider select.
For compatibility with Rev. W, or when PCM data with FSR > 96kHz
is used, stop_div should be set to 4’d0 (16384 FSR
edges).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com