Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018K2M Datasheet(PDF) 9 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 9 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 5Page - ESS Technology,Inc ES9018K2M Datasheet HTML 6Page - ESS Technology,Inc ES9018K2M Datasheet HTML 7Page - ESS Technology,Inc ES9018K2M Datasheet HTML 8Page - ESS Technology,Inc ES9018K2M Datasheet HTML 9Page - ESS Technology,Inc ES9018K2M Datasheet HTML 10Page - ESS Technology,Inc ES9018K2M Datasheet HTML 11Page - ESS Technology,Inc ES9018K2M Datasheet HTML 12Page - ESS Technology,Inc ES9018K2M Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
March 26, 2021
CONFIDENTIAL Rev. 3.6
ES9018K2M Datasheet
9
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
Audio Interface Formats
Several interface formats are provided so that direct connection to common audio processors is possible. The available
formats are shown in the following diagrams. The audio interface format can be set by programming the registers.
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
SIN
32-bit
MSB
LSB MSB
LSB MSB
31 30
BCLK
LRCLK
LEFT
RIGHT
LEFT JUSTIFIED FORMAT
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
SIN
32-bit
MSB
LSB MSB
LSB MSB
31 30
BCLK
LRCLK
LEFT
RIGHT
I2S FORMAT
23 22 21
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
SIN
24-bit
MSB
LSB MSB
LSB MSB
23 22
15 14 13
2
1
0
15 14 13
2
1
0
15 14 13
2
1
0
15 14 13
2
1
0
SIN
16-bit
MSB
LSB MSB
LSB MSB
15 14
23 22 21
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
SIN
24-bit
MSB
LSB MSB
LSB MSB
23 22
15 14 13
2
1
0
15 14 13
2
1
0
15 14 13
2
1
0
15 14 13
2
1
0
SIN
16-bit
MSB
LSB MSB
LSB MSB
15 14
Notes: for Left-Justified and I2S formats, the following number of BCLKs is present per (left plus right) frame:
•
16-bit mode: 32 BCLKs
•
24-bit mode: 48 BCLKs
•
32-bit mode: 64 BCLKs
DCLK
DSD1, DSD2
DCLK
DSD1, DSD2
31 30 29
2
1
0
31 30 29
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
SIN
32-bit
MSB
LSB MSB
LSB
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
23 22
MSB
MSB
19 18
MSB
15 14
MSB
31 30
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 1A
FIGURE 1A
FIGURE 1A
FIGURE 1A
LEFT JUSTIFIED FORMAT
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
SIN
32-bit
MSB
LSB MSB
LSB
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
23 22
MSB
MSB
19 18
MSB
15 14
MSB
31 30
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 1A
FIGURE 1A
FIGURE 1A
FIGURE 1A
LEFT JUSTIFIED FORMAT
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
SIN
32-bit
MSB
LSB MSB
LSB
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
MSB
31 30
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 2A
FIGURE 2A
FIGURE 2A
FIGURE 2A
RIGHT JUSTIFIED FORMAT
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
31 30 29
2
1
0
23 22 21
2
1
0
23 22 21
2
1
0
SIN
32-bit
MSB
LSB MSB
LSB
MSB
MSB
LSB
LSB
19 18 17
2
1
0
19 18 17
2
1
0
MSB
MSB
LSB
LSB
15 14 13
2
1
0
15 14 13
2
1
0
MSB
MSB
LSB
LSB
23 22
MSB
MSB
19 18
MSB
15 14
MSB
31 30
SIN
24-bit
SIN
20bit
SIN
16bit
BCLK
LRCLK
LEFT
RIGHT
FIGURE 3A
FIGURE 3A
FIGURE 3A
FIGURE 3A
I2S FORMAT
D..
D0
D1
D2
D3
D4
D1
D2
DCLK
FIGURE 4A
D..
D0
D1
D2
D3
D4
D1
D2
DCLK
FIGURE 4B
D..
D0
D1
D2
D3
D4
DSD NORMAL MODE
DSD PHASE MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com