Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018K2M Datasheet(PDF) 24 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 24 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 20Page - ESS Technology,Inc ES9018K2M Datasheet HTML 21Page - ESS Technology,Inc ES9018K2M Datasheet HTML 22Page - ESS Technology,Inc ES9018K2M Datasheet HTML 23Page - ESS Technology,Inc ES9018K2M Datasheet HTML 24Page - ESS Technology,Inc ES9018K2M Datasheet HTML 25Page - ESS Technology,Inc ES9018K2M Datasheet HTML 26Page - ESS Technology,Inc ES9018K2M Datasheet HTML 27Page - ESS Technology,Inc ES9018K2M Datasheet HTML 28Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
CONFIDENTIAL Rev. 3.6
March 26, 2021
ES9018K2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
24
Register #64: Chip Status
8 bit, Read-Only Register
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
revision
chip_id
automute_status
lock_status
Bit
Mnemonic
Description
[7:6]
reserved
[5]
revision
1’b0 => revision W.
1
’b1 => revision V.
[4:2]
chip_id
3’d4 => ES9018K2M
[1]
automute_status
1
’b0 => Automute condition is inactive.
1
’b1 => Automute condition is active.
[0]
lock_status
1
’b0 => The Jitter Eliminator is not locked to an incoming signal.
1
’b1 => The Jitter Eliminator is locked to an incoming signal.
Register #65: GPIO Status
8 bit, Read-Only Register
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
gpio_I[1:0]
Bit
Mnemonic
Description
[7:2]
reserved
[1]
gpio_I[1]
Status of pin GPIO2
[0]
gpio_I[0]
Status of pin GPIO1
Register #69-66: DPLL Ratio
32 bit, Read-Only Register. Register 69 contains the MSBs, Register 66 contains the LSBs.
Bits
[31:0]
Mnemonic
dpll_num
This is a read-only 32-bit value that can be used to calculate the sample rate. The raw sample rate (FSR) can be calculated
using: FSR = (DPLL_NUM x FMCLK) / 232.
Note that the DPLL number (register 66-69) should be read from LSB to MSB as it is latched on the LSBs (register 66).
Register #93-70: Channel Status
Register 93 contains the MSBs, Register 70 contains the LSBs. Format is [191:0]
These registers allow read back of the SPDIF channel status. The status definition is different for the consumer configuration
and professional configuration. Please refer to the following two tables for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com