Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018K2M Datasheet(PDF) 29 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 29 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 25Page - ESS Technology,Inc ES9018K2M Datasheet HTML 26Page - ESS Technology,Inc ES9018K2M Datasheet HTML 27Page - ESS Technology,Inc ES9018K2M Datasheet HTML 28Page - ESS Technology,Inc ES9018K2M Datasheet HTML 29Page - ESS Technology,Inc ES9018K2M Datasheet HTML 30Page - ESS Technology,Inc ES9018K2M Datasheet HTML 31Page - ESS Technology,Inc ES9018K2M Datasheet HTML 32Page - ESS Technology,Inc ES9018K2M Datasheet HTML 33Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
March 26, 2021
CONFIDENTIAL Rev. 3.6
ES9018K2M Datasheet
29
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Minimum
Maximum
Unit
Comments
VIH
High-level input voltage
DVCC/2 + 0.4
V
VIL
Low-level input voltage
0.4
V
VOH
High-level output voltage
DVCC – 0.2
V
IOH = 100
A
VOL
Low-level output voltage
0.2
V
IOL = 100
A
CIN
Input capacitance
5
pF
fc = 1MHz
CO
Input/output capacitance
5
CCLK
CLK capacitance
10
pF
fc = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com