Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9018K2M Datasheet(PDF) 31 Page - ESS Technology,Inc

Part # ES9018K2M
Description  32-bit Stereo Low Power Audio DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018K2M Datasheet(HTML) 31 Page - ESS Technology,Inc

Back Button ES9018K2M Datasheet HTML 27Page - ESS Technology,Inc ES9018K2M Datasheet HTML 28Page - ESS Technology,Inc ES9018K2M Datasheet HTML 29Page - ESS Technology,Inc ES9018K2M Datasheet HTML 30Page - ESS Technology,Inc ES9018K2M Datasheet HTML 31Page - ESS Technology,Inc ES9018K2M Datasheet HTML 32Page - ESS Technology,Inc ES9018K2M Datasheet HTML 33Page - ESS Technology,Inc ES9018K2M Datasheet HTML 34Page - ESS Technology,Inc ES9018K2M Datasheet HTML 35Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
March 26, 2021
CONFIDENTIAL Rev. 3.6
ES9018K2M Datasheet
31
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA. Tel (408) 643-
8800 • www.esstech.com
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1.
TA = 25oC, AVCC = VCCA = DVCC = 3.3V, internal DVDD with 2.2F ±20% decoupling, fs = 44.1kHz, MCLK = 27MHz & 32-bit data
2.
SNR / DNR: A-weighted over 20Hz-20kHz in averaging mode
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
MCLK (PCM normal mode)
Note *3
192FSR
Note *2
Hz
MCLK (PCM OSF bypass mode)
24FSR
MCLK (DSD mode)
3FSR
MCLK (SPDIF mode)
386FSR
DYNAMIC PERFORMANCE
DNR (differential current mode)
–60dBFS
127
dB-A
THD+N (differential current mode)
0dBFS
–120
dB
ANALOG OUTPUT
Differential (+ or
–) voltage output range
Full-scale out
3.05
(0.924 x AVCC)
Vp-p
Differential (+ or
–) voltage output offset
Bipolar zero out
1.65
(AVCC / 2)
V
Differential (+ or
–) current output range
(Note *1)
Full-scale out
3.783
mAp-p
Differential (+ or
–) current output offset
(Note *1)
Bipolar zero out
to virtual ground
at voltage Vg (V)
2.112
– (1000 x
Vg) / 806
mA
Digital Filter Performance
De-emphasis error
0.2
dB
Mute Attenuation
127
dB
PCM Filter Characteristics (Sharp Roll Off)
Pass band
0.003dB
0.454fs
Hz
–3dB
0.49fs
Hz
Stop band
<
–115dB
0.546fs
Hz
Group Delay
35 / fs
s
PCM Filter Characteristics (Slow Roll Off)
Pass band
0.05dB
0.308fs
Hz
–3dB
0.454fs
Hz
Stop band
<
–100dB
0.814fs
Hz
Group Delay
6.25 / fs
s
PCM Filter Characteristics (Minimum Phase)
Pass band
0.003dB
0.454fs
Hz
–3dB
0.49fs
Hz
Stop band
<
–115dB
0.546fs
Hz
Notes
*1. Differential (+ or
–) current output is equivalent to a differential (+ or –) voltage source in series with an 806
 11%
resistor. The differential (+ or
–) voltage source has a peak-to-peak output range of 0.924 x AVCC = 3.05V and an
output offset of AVCC / 2 = 1.65V.
*2. With internal DVDD, maximum MCLK frequency is 50MHz (DVCC = +1.8V), or up to 100MHz (DVCC = +3.3V) using
an external +1.3V DVDD supply.
*3. Synchronous MCLK at 128 x FSR is also supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com